Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC14000-04I Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC14000-04I
Description  28-Pin Programmable Mixed Signal Controller
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000-04I Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC14000-04I Datasheet HTML 7Page - Microchip Technology PIC14000-04I Datasheet HTML 8Page - Microchip Technology PIC14000-04I Datasheet HTML 9Page - Microchip Technology PIC14000-04I Datasheet HTML 10Page - Microchip Technology PIC14000-04I Datasheet HTML 11Page - Microchip Technology PIC14000-04I Datasheet HTML 12Page - Microchip Technology PIC14000-04I Datasheet HTML 13Page - Microchip Technology PIC14000-04I Datasheet HTML 14Page - Microchip Technology PIC14000-04I Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 11
PIC14000
3.1
Clocking Scheme/Instruction Cycle
The clock input (from OSC1 or the internal oscillator) is
internally
divided
by
four
to
generate
four
non-overlapping quadrature clocks, namely Q1, Q2,
Q3 and Q4. The program counter (PC) is incremented
every Q1, the instruction is fetched from the program
memory and latched into the instruction register in Q4.
The instruction is decoded and executed during the
following Q1 through Q4. The clocks and instruction
execution flow are shown in Figure 3-2.
3.2
Instruction Flow/Pipelining
An “Instruction Cycle” consists of four Q cycles (Q1,
Q2, Q3 and Q4). The instruction fetch and execute are
pipelined such that fetch takes one instruction cycle
while decode and execute takes another instruction
cycle. However, due to the pipelining, each instruction
effectively executes in one cycle. If an instruction
causes the program counter to change (e.g., GOTO)
then two cycles are required to complete the instruction
(Example 3-1).
A fetch cycle begins with the program counter (PC)
incrementing in Q1.
In the execution cycle, the fetched instruction is latched
into the “Instruction Register (IR)” in cycle Q1. This
instruction is then decoded and executed during the
Q2, Q3, and Q4 cycles. Data memory is read during Q2
(operand read) and written during Q4 (destination
write).
FIGURE 3-2:
CLOCK/INSTRUCTION CYCLE
EXAMPLE 3-1:
INSTRUCTION PIPELINE FLOW
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
OSC1
Q1
Q2
Q3
Q4
PC
CLKOUT
(IN mode)
PC
PC+1
PC+2
Fetch INST (PC)
Execute INST (PC-1)
Fetch INST (PC+1)
Execute INST (PC)
Fetch INST (PC+2)
Execute INST (PC+1)
Internal
Phase
Clock
1. MOVLW
55h
2. MOVWF
PORTB
3. CALL
SUB_1
4. BSF
PORTA, BIT3
Fetch 1
Fetch 2
Fetch 3
Fetch SUB_1
Execute 1
Flush
All instructions are single cycle, except for program branches. These take two cycles
since the fetched instruction is “flushed” from the pipeline while the new instruction is
being fetched and then executed.
Execute 2
Flush
Fetch 4
Fetch SUB_1
Execute 3


Similar Part No. - PIC14000-04I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000 MICROCHIP-PIC14000 Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results

Similar Description - PIC14000-04I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
   Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
   Programmable Mixed Signal Array
March 10, 2023
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
   Programmable Mixed Signal Matrix
March 9, 2023
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com