Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527EZ1000-0209-2 Datasheet(PDF) 1 Page - Marktech Corporate

Part # C527EZ1000-0209-2
Description  Cree EZ1000 Gen II LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527EZ1000-0209-2 Datasheet(HTML) 1 Page - Marktech Corporate

  C527EZ1000-0209-2 Datasheet HTML 1Page - Marktech Corporate C527EZ1000-0209-2 Datasheet HTML 2Page - Marktech Corporate C527EZ1000-0209-2 Datasheet HTML 3Page - Marktech Corporate C527EZ1000-0209-2 Datasheet HTML 4Page - Marktech Corporate C527EZ1000-0209-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
CxxxEZ1000-Sxx000-2 Chip Diagram
FEATURES
● EZBrightLEDTechnology
»
380mWmin.–450nm
»
360mWmin.–460nm
»
110mWmin.–527nm
● LambertianRadiation
● ConductiveEpoxy,SolderPasteorPreforms,orFlux
EutecticAttach
● LowForwardVoltage
DielectricPassivationacrossEpiSurface
APPLICATIONS
● GeneralIllumination
»
Aircraft
»
DecorativeLighting
»
TaskLighting
»
OutdoorIllumination
● WhiteLEDs
● LCDBacklighting
● ProjectionDisplays
● Automotive
Cree® EZ1000™ Gen II LEDs
Data Sheet
CxxxEZ1000-Sxx000-2
Cree’s EZBright™ LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN
materialswithCree’sproprietaryopticaldesignanddevicesubmounttechnologytodeliversuperiorvalueforhigh-
intensityLEDs.TheopticaldesignmaximizeslightextractionefficiencyandenablesaLambertianradiationpattern.
Additionally,theseLEDsaredie-attachablewithconductiveepoxy,solderpasteorsolderpreforms,aswellastheflux
eutecticmethod.Theseverticallystructured,lowforwardvoltageLEDchipsareapproximately170micronsinheight.
Cree’sEZ™chipsaretestedforconformitytoopticalandelectricalspecifications.TheseLEDsareusefulinabroad
rangeofapplicationssuchasgeneralillumination,automotivelighting,andLCDbacklighting.
Top View
Bottom View
Die Cross Section
EZBrightLED
980x980μm2
GoldBondPads(2)
150x150μm2
Cathodes(-)
t=170μm
Anode(+)
3 μmAuSn
BacksideMetalization
Dielectric
Passivation


Similar Part No. - C527EZ1000-0209-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527EZ1000-0209-2 CREE-C527EZ1000-0209-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
More results

Similar Description - C527EZ1000-0209-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ700-0313-2 MARKTECH-C450EZ700-0313-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com