Electronic Components Datasheet Search |
|
C460TR3547-0209 Datasheet(PDF) 2 Page - Marktech Corporate |
|
C460TR3547-0209 Datasheet(HTML) 2 Page - Marktech Corporate |
2 / 5 page Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks, and TR and TR3547 are trademarks of Cree, Inc. 2 CPR3FJ Rev. - Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com Maximum Ratings at T A = 25°C Notes 1&3 CxxxTR3547-Sxx00 DCForwardCurrent 150mA PeakForwardCurrent(1/10dutycycle@1kHz) 200mA LEDJunctionTemperature 150°C ReverseVoltage 5V OperatingTemperatureRange -40°Cto+100°C StorageTemperatureRange -40°Cto+100°C ElectrostaticDischargeThreshold(HBM)Note2 1000V ElectrostaticDischargeClassification(MIL-STD-883E)Note2 Class2 Typical Electrical/Optical Characteristics at T A = 25°C, If = 50 mA Note 3 Part Number Forward Voltage (V f, V) Reverse Current [I(Vr=5V), μA] Full Width Half Max ( λ D, nm) Min. Typ. Max. Max. Typ. C450TR3547-Sxx00 2.9 3.2 3.5 2 20 C460TR3547-Sxx00 2.9 3.2 3.5 2 21 Mechanical Specifications CxxxTR3547-Sxx00 Description Dimension Tolerance P-NJunctionArea(μm) 310x430 ±35 ChipArea(μm) 350x470 ±35 ChipThickness(μm) 155 ±15 AuBondPadDiameterAnode(μm) 90 -5,+15 AuBondPadThicknesses(μm) 1.0 ±0.5 AuBondPadAreaCathode(μm) 98x98 -5,+15 BottomArea(μm) 200x320 ±35 Notes: 1. Maximum ratings are package-dependent. The above ratings were determined using a Cree SMT package (with silicone encapsulation) for characterization. Ratings for other packages may differ. Junction temperature should be characterized in a specificpackagetodeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds). 2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown. 3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled andoperatedat50mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxyencapsulantandsiliconedieattach).Optical characteristicsmeasuredinanintegratingsphereusingIlluminanceE. |
Similar Part No. - C460TR3547-0209 |
|
Similar Description - C460TR3547-0209 |