Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR5270-S20000 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C450TR5270-S20000
Description  TR5270 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450TR5270-S20000 Datasheet(HTML) 3 Page - Marktech Corporate

  C450TR5270-S20000 Datasheet HTML 1Page - Marktech Corporate C450TR5270-S20000 Datasheet HTML 2Page - Marktech Corporate C450TR5270-S20000 Datasheet HTML 3Page - Marktech Corporate C450TR5270-S20000 Datasheet HTML 4Page - Marktech Corporate C450TR5270-S20000 Datasheet HTML 5Page - Marktech Corporate C450TR5270-S20000 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR5270aretrademarksofCree,Inc.
3
CPR3ET Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1, 3 & 4
CxxxTR5270-Sxx00 and CxxxTR5270-Sxx00-3
DCForwardCurrent
250mA
PeakForwardCurrent(1/10dutycycle@1kHz)
300mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 120 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR5270-Sxx000
2.7
3.2
3.5
2
20
C460TR5270-Sxx000
2.7
3.2
3.5
2
21
C450TR5270-Sxx000-3
2.7
3.2
3.5
2
20
C460TR5270-Sxx000-3
2.7
3.2
3.5
2
21
Notes:
1.
Maximum ratings are package-dependent. The above ratings were determined using lamps in chip-on-MCPCB (metal core PCB) packages for
characterization.Ratingsforotherpackagesmaydiffer.Junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.
Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2.
Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalancheenergytest(RAET).
TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3.
Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembledandoperatedat120
mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgivenarewithintherangeofaveragevalues
expectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.AllmeasurementsweremadeusinglampsinT-13/4packages
(withHysolOS4000epoxyencapsulantandclearepoxydieattach).OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.
4.
ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfortheend-producttobe
designedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinordertooptimizeproductperformance.
Max If (mA)
250
Max Vf @Max If (V)
3.5
Max Tj (Deg C)
150
Max Power (W)
0.875
Thermal Resistance (C/W)
10
20
30
If @ Tamb
Rth (j-A) =
Tamb
Tamb
250
25
25
25
250
141.25
132.5
123.75
0
150
150
150
0
50
100
150
200
250
300
50
75
100
125
150
175
Ambient Temperature (
C)
Rth j-a = 10 C/W
Rth j-a = 20 C/W
Rth j-a = 30 C/W
Rth j-a = 40 C/W


Similar Part No. - C450TR5270-S20000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR5270-S20000 CREE-C450TR5270-S20000 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
More results

Similar Description - C450TR5270-S20000

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR5270 MARKTECH-TR5270 Datasheet
672Kb / 6P
   TR5270 LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com