Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM31122-BLKG Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM31122-BLKG
Description  700MHz - 1GHz 1-Watt High Linearity Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM31122-BLKG Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM31122-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALM31122-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Reel Dimension - 7 inch
PS
6
PS
6
BACK VIEW
6.25mm EMBOSSED LETTERS
LETTERING THICKNESS: 1.6mm
SEE DETAIL "X"
SLOT HOLE "b"
SLOT HOLE(2x)
180° APART.
SLOT HOLE "a": 3.0±0.5mm(1x)
SLOT HOLE "b": 2.5±0.5mm(1x)
Ø13.0
65°
45°
R10.65
R5.2
EMBOSSED RIBS
RAISED: 0.25mm, WIDTH: 1.25mm
18.0*
MAX.
Ø51.2±0.3
Ø178.0±0.5
RECYCLE LOGO
FRONT VIEW
1.5 MIN.
Ø20.2 MIN.
-0.2
+0.5
DETAIL "X"
-0.0
+1.5*
12.4
DETAIL "Y"
(Slot Hole)
3.5
SEE DETAIL "Y"
FRONT
BACK
FRONT
BACK
SLOT HOLE "a"
Ø178.0±0.5


Similar Part No. - ALM31122-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM31122-BLKG AVAGO-ALM31122-BLKG Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM31122-BLKG AVAGO-ALM31122-BLKG Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM31122-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322_10 Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_10 Datasheet
259Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
MGA-30116 AVAGO-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 1/2 Watt High Linearity Amplifier Standard QFN 3X3 package
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com