Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460TR3547-0214 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C460TR3547-0214
Description  TR3547 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460TR3547-0214 Datasheet(HTML) 4 Page - Marktech Corporate

  C460TR3547-0214 Datasheet HTML 1Page - Marktech Corporate C460TR3547-0214 Datasheet HTML 2Page - Marktech Corporate C460TR3547-0214 Datasheet HTML 3Page - Marktech Corporate C460TR3547-0214 Datasheet HTML 4Page - Marktech Corporate C460TR3547-0214 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and TR and TR3547 are trademarks of Cree, Inc.
4
CPR3FJ Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTRLEDproduct.Actualcurveswillvaryslightlyforthevariousradiant
fluxanddominantwavelengthbins.
0
20
40
60
80
100
120
320
420
520
620
Wavelength (nm)
Relative Intensity vs Peak Wavelength
0%
50%
100%
150%
200%
250%
300%
350%
400%
0
50
100
150
200
If (mA)
Relative Intensity vs. Forward Current
-2
-1
0
1
2
0
50
100
150
200
If (mA)
Wavelength Shift vs. Forward Current
0%
50%
100%
150%
200%
250%
300%
350%
400%
0
50
100
150
200
If (mA)
Relative Intensity vs. Forward Current
-2
-1
0
1
2
0
50
100
150
200
If (mA)
Wavelength Shift vs. Forward Current
0
50
100
150
200
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage


Similar Part No. - C460TR3547-0214

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460TR3547-0214 CREE-C460TR3547-0214 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
More results

Similar Description - C460TR3547-0214

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
   LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com