Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9361BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9361BBCZ Datasheet HTML 1Page - Analog Devices AD9361BBCZ Datasheet HTML 2Page - Analog Devices AD9361BBCZ Datasheet HTML 3Page - Analog Devices AD9361BBCZ Datasheet HTML 4Page - Analog Devices AD9361BBCZ Datasheet HTML 5Page - Analog Devices AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 3 of 36
SPECIFICATIONS
Electrical characteristics at VDD_GPO = 3.3 V, VDD_INTERFACE = 1.8 V, and all other VDDx pins = 1.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
RECEIVERS, GENERAL
Center Frequency
70
6000
MHz
Gain
Minimum
0
dB
Maximum
74.5
dB
At 800 MHz
73.0
dB
At 2300 MHz (RX1A, RX2A)
72.0
dB
At 2300 MHz (RX1B,
RX1C, RX2B, RX2C)
65.5
dB
At 5500 MHz (RX1A, RX2A)
Gain Step
1
dB
Received Signal Strength
Indicator
RSSI
Range
100
dB
Accuracy
±2
dB
RECEIVERS, 800 MHz
Noise Figure
NF
2
dB
Maximum RX gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−18
dBm
Maximum RX gain
Second-Order Input
Intermodulation Intercept Point
IIP2
40
dBm
Maximum RX gain
Local Oscillator (LO) Leakage
−122
dBm
At RX front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−42
dB
19.2 MHz reference clock
Input S11
−10
dB
RX1 to RX2 Isolation
RX1A to RX2A, RX1C to RX2C
70
dB
RX1B to RX2B
55
dB
RX2 to RX1 Isolation
RX2A to RX1A, RX2C to RX1C
70
dB
RX2B to RX1B
55
dB
RECEIVERS, 2.4 GHz
Noise Figure
NF
3
dB
Maximum RX gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−14
dBm
Maximum RX gain
Second-Order Input
Intermodulation Intercept Point
IIP2
45
dBm
Maximum RX gain
Local Oscillator (LO) Leakage
−110
dBm
At receiver front-end
input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−42
dB
40 MHz reference clock
Input S11
−10
dB
RX1 to RX2 Isolation
RX1A to RX2A, RX1C to RX2C
65
dB
RX1B to RX2B
50
dB
RX2 to RX1 Isolation
RX2A to RX1A, RX2C to RX1C
65
dB
RX2B to RX1B
50
dB


Similar Part No. - AD9361BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ-CSL AD-AD9361BBCZ-CSL Datasheet
640Kb / 33P
   RF Agile Transceiver
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
More results

Similar Description - AD9361BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
   RF Agile Transceiver
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
   Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
   Frequency Agile Transceiver
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
   8 GHz Agile Synthesizer
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com