Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR2432-0317 Datasheet(PDF) 6 Page - Marktech Corporate

Part # C450TR2432-0317
Description  Cree TR2432 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450TR2432-0317 Datasheet(HTML) 6 Page - Marktech Corporate

  C450TR2432-0317 Datasheet HTML 1Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 2Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 3Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 4Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 5Page - Marktech Corporate C450TR2432-0317 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR2432 are trademarks of Cree, Inc.
6
CPR3DQ Rev B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Radiation Pattern
ThisisarepresentativeradiationpatternfortheTRLEDproduct.Actualpatternswillvaryslightlyforeachchip.
460TR238 (TR2432) Radiation PAttern


Similar Part No. - C450TR2432-0317

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2432-0317 CREE-C450TR2432-0317 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
More results

Similar Description - C450TR2432-0317

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR2227-0213 MARKTECH-C450TR2227-0213 Datasheet
389Kb / 5P
   Cree TR2227 LEDs
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
C450EZ1350-S56000-X CREE-C450EZ1350-S56000-X Datasheet
373Kb / 5P
   Cree EZ1350-p LEDs
C450EZ1950-S112000-X CREE-C450EZ1950-S112000-X Datasheet
362Kb / 5P
   Cree EZ1950-p LEDs
C450EZ950-S44000-X CREE-C450EZ950-S44000-X Datasheet
373Kb / 6P
   Cree EZ950-p LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com