Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460EZ500-0210-2 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C460EZ500-0210-2
Description  Cree EZ500 Gen II LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460EZ500-0210-2 Datasheet(HTML) 2 Page - Marktech Corporate

  C460EZ500-0210-2 Datasheet HTML 1Page - Marktech Corporate C460EZ500-0210-2 Datasheet HTML 2Page - Marktech Corporate C460EZ500-0210-2 Datasheet HTML 3Page - Marktech Corporate C460EZ500-0210-2 Datasheet HTML 4Page - Marktech Corporate C460EZ500-0210-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andEZBright,EZ,andEZ500aretrademarksofCree,Inc.
2
CPR3EB Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Note 1
CxxxEZ500-Sxxx00-2
DCForwardCurrent
300mA
PeakForwardCurrent
400mANote3
LEDJunctionTemperature
145°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+120°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 150 mA
Note 2
Part Number
Forward Voltage (V
F, V)
Reverse Current
[I(Vr=5 V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ500-Sxxx00-2
3.1
3.4
4.1
2
19
C460EZ500-Sxxx00-2
3.1
3.4
4.1
2
20
C470EZ500-Sxxx00-2
3.1
3.4
4.1
2
23
C527EZ500-Sxxx00-2
3.1
3.5
4.1
2
35
Mechanical Specifications
CxxxEZ500-Sxxx00-2
Description
Dimension
Tolerance
P-NJunctionArea(µm)
450x450
±40
ChipArea(µm)
480x480
±40
ChipThickness(µm)
170
±25
TopAuBondPadDiameter(µm)
130x130
±15
AuBondPadThickness(µm)
3.0
±1.0
BackContactMetalArea(µm)
480x480
±40
BackContactMetalThickness(µm)
3.0
±1.0
Notes:
1. Maximum ratings are package-dependent. The above ratings were determined using a Au-plated TO39 header without an
encapsulantforcharacterization.Ratingsforotherpackagesmaydiffer.Thejunctiontemperatureshouldbecharacterizedina
specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds). See Cree
EZBrightApplicationsNoteforassembly-processinformation.
2. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
and operated at 150 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values
givenarewithintherangeofaverageexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.
All measurements were made using a Au-plated TO39 header without an encapsulant. Optical characteristics measured in an
integratingsphereusingIlluminanceE.
3. This peak forward current specification is based on a 400-ms pulse width at a 1/5-duty cycle with a junction temperature of
65°C.


Similar Part No. - C460EZ500-0210-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460EZ500-0210-2 CREE-C460EZ500-0210-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
More results

Similar Description - C460EZ500-0210-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2_16 Datasheet
395Kb / 6P
   Cree EZ500-n Gen 2 LED
logo
Marktech Corporate
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ700-0313-2 MARKTECH-C450EZ700-0313-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
EZ700 MARKTECH-EZ700_15 Datasheet
275Kb / 5P
   Gen II LED
EZ600 MARKTECH-EZ600_15 Datasheet
290Kb / 5P
   Gen II LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com