Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEA1D0505DC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MEA1D0505DC
Description  1kVDC Isolated 1W Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MEA1D0505DC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MEA1D0505DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MEA1D0505DC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MEA1 Series
1kVDC Isolated 1W Dual Output DC/DC Converters
KDC_MEA1.C05 Page 2 of 8
www.murata-ps.com/support
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Continuous operation, 24V input types
21.6
24
26.4
Continuous operation, 48V input types
43.2
48
52.8
Reflected ripple current
5V input types
4
12
mA p-p
12V input types
4
12
15V input types
3
10
24V input types
3
10
48V input types
22
35
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40
°C to 85°C
1W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.05
1.1
%/%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
MEA1D05xxxC, MEA1D1212xC, MEA1D1515xC
65
kHz
MEA1D1205xC, MEA1D1209xC, MEA1D1215xC, MEA1D1505xC,
MEA1D1509xC, MEA1D1512xC, MEA1D24xxxC
85
MEA1D48xxxC
60
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
125
Case Temperature above ambient
20
Cooling
Free air convection
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1mm from case for 10 seconds
260°C
Input voltage VIN, 5Vin types
7V
Input voltage VIN, 12Vin types
15V
Input voltage VIN, 15Vin types
18V
Input voltage VIN, 24Vin types
28V
Input voltage VIN, 48Vin types
54V


Similar Part No. - MEA1D0505DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEA1D0505DC MURATA-PS-MEA1D0505DC Datasheet
249Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results

Similar Description - MEA1D0505DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEA1 MURATA-PS-MEA1 Datasheet
249Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com