Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460EZ600-0210-2 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C460EZ600-0210-2
Description  Cree EZ600 Gen II LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460EZ600-0210-2 Datasheet(HTML) 4 Page - Marktech Corporate

  C460EZ600-0210-2 Datasheet HTML 1Page - Marktech Corporate C460EZ600-0210-2 Datasheet HTML 2Page - Marktech Corporate C460EZ600-0210-2 Datasheet HTML 3Page - Marktech Corporate C460EZ600-0210-2 Datasheet HTML 4Page - Marktech Corporate C460EZ600-0210-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andEZBright,EZ,andEZ600aretrademarksofCree,Inc.
4
CPR3EE Rev. A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the EZ600 LED product. Actual curves will vary slightly for the various
radiantfluxanddominantwavelengthbins.
0%
25%
50%
75%
100%
125%
0
50
100
150
200
250
300
350
400
If (mA)
Relative Intensity vs. Forward Current
-8
-4
0
4
8
12
16
20
0
50
100
150
200
250
300
350
400
If (mA)
Wavelength Shift vs. Forward Current
0%
25%
50%
75%
100%
125%
0
50
100
150
200
250
300
350
400
If (mA)
Relative Intensity vs. Forward Current
-8
-4
0
4
8
12
16
20
0
50
100
150
200
250
300
350
400
If (mA)
Wavelength Shift vs. Forward Current
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
65%
70%
75%
80%
85%
90%
95%
100%
105%
110%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
65%
70%
75%
80%
85%
90%
95%
100%
105%
110%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
-0.600
-0.500
-0.400
-0.300
-0.200
-0.100
0.000
0.100
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift Vs Junction Temperature


Similar Part No. - C460EZ600-0210-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460EZ600-0210-2 CREE-C460EZ600-0210-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED RF Performance 527 nm - 60 mW min
More results

Similar Description - C460EZ600-0210-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2_16 Datasheet
271Kb / 5P
   Cree EZ600-n Gen 2 LED
logo
Marktech Corporate
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ700-0313-2 MARKTECH-C450EZ700-0313-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
EZ700 MARKTECH-EZ700_15 Datasheet
275Kb / 5P
   Gen II LED
EZ600 MARKTECH-EZ600_15 Datasheet
290Kb / 5P
   Gen II LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com