Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH43PN221M26L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH43PN221M26L
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH43PN221M26L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH43PN221M26L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH43PN221M26L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
2011.9.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43P_26 Series (1812 Size)
c Dimensions
3.6±0.2
4.5±0.3
3.2±0.2
3.2±0.2
1.0min. 1.0min. 1.0min.
(in mm)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
500
K
330mm Embossed Tape
2500
c Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH43PN1R0N26
p
1.0µH ±30%
3400mA
3300mA
0.026ohm ±20%
100MHz
LQH43PN2R2M26
p
2.2µH ±20%
2300mA
2500mA
0.042ohm ±20%
45MHz
LQH43PN3R3M26
p
3.3µH ±20%
1800mA
2100mA
0.052ohm ±20%
40MHz
LQH43PN4R7M26
p
4.7µH ±20%
1400mA
1600mA
0.075ohm ±20%
35MHz
LQH43PN6R8M26
p
6.8µH ±20%
1200mA
1400mA
0.098ohm ±20%
30MHz
LQH43PN8R2M26
p
8.2µH ±20%
1100mA
1300mA
0.128ohm ±20%
25MHz
LQH43PN100M26
p
10µH ±20%
1050mA
1170mA
0.147ohm ±20%
20MHz
LQH43PN220M26
p
22µH ±20%
700mA
780mA
0.327ohm ±20%
15MHz
LQH43PN470M26
p
47µH ±20%
470mA
520mA
0.718ohm ±20%
8MHz
LQH43PN101M26
p
100µH ±20%
320mA
320mA
1.538ohm ±20%
4MHz
LQH43PN151M26
p
150µH ±20%
280mA
260mA
2.362ohm ±20%
3MHz
LQH43PN221M26
p
220µH ±20%
220mA
240mA
2.900ohm ±20%
2MHz
Test Frequency: 1MHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
c Notice (Rated Current)
When Rated Current is applied to the Products,
Inductance will be within ±30% of nominal
Inductance value.
When Rated Current is applied to the Products,
self-generation of heat will rise to 40°C or less.
Continued on the following page.


Similar Part No. - LQH43PN221M26L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43PH100M26 MURATA-LQH43PH100M26 Datasheet
88Kb / 2P
   Inductance
LQH43PH100M26K MURATA-LQH43PH100M26K Datasheet
88Kb / 2P
   Inductance
LQH43PH100M26L MURATA-LQH43PH100M26L Datasheet
88Kb / 2P
   Inductance
LQH43PH101M26 MURATA-LQH43PH101M26 Datasheet
88Kb / 2P
   Inductance
LQH43PH101M26K MURATA-LQH43PH101M26K Datasheet
88Kb / 2P
   Inductance
More results

Similar Description - LQH43PN221M26L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com