Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM2HPN4R7MGCB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM2HPN4R7MGCB
Description  Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM2HPN4R7MGCB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM2HPN4R7MGCB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM2HPN4R7MGCB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Multilayer Type)
2011.11.2
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HP_GC Series (1008 Size)
c Dimensions
2.5±0.2
0.6±0.2
2.0±0.2
(in mm)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
3000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
DC Resistance
Self Resonance Frequency (min.)
Operating Temperature Range
LQM2HPN1R0MGC
p
1.0µH ±20%
1500mA
0.08ohm ±25%
50MHz
-30 to +85°C
LQM2HPN3R3MGC
p
3.3µH ±20%
1000mA
0.16ohm ±25%
30MHz
-55 to +125°C
LQM2HPN4R7MGC
p
4.7µH ±20%
800mA
0.18ohm ±25%
25MHz
-55 to +125°C
Test Frequency: 1MHz
Class of Magnetic Shield: Magnetic shield of ferrite
c Inductance-Frequency Characteristics (Typ.)
Frequency (MHz)
0.1
1
10
1
10
100
4.7μH
1.0μH
3.3μH
c Inductance-Current Characteristics (Typ.)
0.1
1
10
1
10
100
1000
10000
Current (mA)
4.7μH
1.0μH
3.3μH
Continued on the following page.


Similar Part No. - LQM2HPN4R7MGCB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2HPN4R7MG0 MURATA-LQM2HPN4R7MG0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQM2HPN4R7MG0 MURATA-LQM2HPN4R7MG0 Datasheet
55Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type) LQM2HP_G0 Series (1008 Size)
More results

Similar Description - LQM2HPN4R7MGCB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com