Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4180J3BJ Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP4180J3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4180J3BJ Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP4180J3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4180J3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4180J3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4180J3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4180J3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4180J3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4180J3BJ Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
JULY 2003 - REVISED NOVEMBER 2013
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
TISP4xxxJ3BJ Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Thermal Characteristics
V(BO)
Ramp breakover voltage
dv/dt
≤ ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘4070J3BJ
‘4080J3BJ
‘4095J3BJ
‘4115J3BJ
‘4125J3BJ
‘4145J3BJ
‘4165J3BJ
‘4180J3BJ
‘4200J3BJ
‘4219J3BJ
‘4250J3BJ
‘4290J3BJ
‘4350J3BJ
‘4395J3BJ
±77
±88
±104
±125
±135
±156
±177
±192
±212
±231
±263
±303
±364
±409
V
I(BO)
Breakover current
dv/dt = ±250 V/ms, RSOURCE =300 Ω
‘4070J3BJ thru ‘4115J3BJ
±900
mA
‘4125J3BJ thru ‘4219J3BJ
±800
‘4250J3BJ thru ‘4395J3BJ
±600
IH
Holding current
IT
A
m
0
0
6
±
0
5
1
±
s
m
/
A
m
0
3
±
=
t
d
/
i
d
,
A
5
±
=
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp
Maximum ramp value < 0.85VDRM
±5
kV/µs
ID
Off-state current
VD
T
V
0
5
±
=
A = 85 °C
±10
µA
CO
Off-state capacitance
f = 1 MHz, Vd = 1 V rms, VD = 0
‘4070J3BJ thru ‘4115J3BJ
195
235
pF
‘4125J3BJ thru ‘4219J3BJ
120
145
‘4250J3BJ thru ‘4395J3BJ
105
125
f = 1 MHz, Vd = 1 V rms, VD = -1 V
‘4070J3BJ thru ‘4115J3BJ
180
215
‘4125J3BJ thru ‘4219J3BJ
110
132
‘4250J3BJ thru ‘4395J3BJ
95
115
f = 1 MHz, Vd = 1 V rms, VD = -2 V
‘4070J3BJ thru ‘4115J3BJ
165
200
‘4125J3BJ thru ‘4219J3BJ
100
120
‘4250J3BJ thru ‘4395J3BJ
90
105
f = 1 MHz, Vd = 1 V rms, VD = -50 V
‘4070J3BJ thru ‘4115J3BJ
85
100
‘4125J3BJ thru ‘4219J3BJ
50
60
‘4250J3BJ thru ‘4395J3BJ
42
50
f = 1 MHz, Vd = 1 V rms, VD = -100 V
(see Note 3)
‘4125J3BJ thru ‘4219J3BJ
40
50
‘4250J3BJ thru ‘4395J3BJ
35
40
NOTE:
3.
To avoid possible clipping, the TISP4125J3BJ is tested with VD = -98 V.
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
RθJA
Junction to ambient thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000)
(see Note 4)
90
°C/W
NOTE:
4.
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP4180J3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4180J1 BOURNS-TISP4180J1 Datasheet
282Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4180J3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com