Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ2490 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2490
Description  Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2490 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2490 Datasheet HTML 3Page - Monolithic Power Systems MPQ2490 Datasheet HTML 4Page - Monolithic Power Systems MPQ2490 Datasheet HTML 5Page - Monolithic Power Systems MPQ2490 Datasheet HTML 6Page - Monolithic Power Systems MPQ2490 Datasheet HTML 7Page - Monolithic Power Systems MPQ2490 Datasheet HTML 8Page - Monolithic Power Systems MPQ2490 Datasheet HTML 9Page - Monolithic Power Systems MPQ2490 Datasheet HTML 10Page - Monolithic Power Systems MPQ2490 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MPQ2490
–INDUSTRIALGRADE,1.5A,36V,700kHzSTEP-DOWNWITHPROGRAMMABLEOUTPUTCURRENTLIMIT
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MPQ2490 Rev. 1.02
www.MonolithicPower.com
11
7/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN10 (3mm x 3mm)


Similar Part No. - MPQ2490

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2420-AEC1 MPS-MPQ2420-AEC1 Datasheet
1Mb / 22P
   75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPQ2420GF MPS-MPQ2420GF Datasheet
1Mb / 22P
   75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPQ2420GF MPS-MPQ2420GF Datasheet
550Kb / 7P
   75V/0.3A Synchronous Step-Down Converter with Watchdog Evaluation Board
MPQ2420GF-AEC1 MPS-MPQ2420GF-AEC1 Datasheet
1Mb / 22P
   75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
   Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ2490

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
   2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
   Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
   1.5A, 4MHz, 36V Step-Down Converter
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com