Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP3125F3 Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP3125F3
Description  MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3125F3 Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP3125F3_08 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 9Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 10Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 11Page - Bourns Electronic Solutions TISP3125F3_08 Datasheet HTML 12Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MARCH 1994 - REVISED SEPTEMBER 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thermal Information
TISP31xxF3 (LV) Overvoltage Protector Series
Figure 14.
Figure 15.
t - Current Duration - s
0·1
1
10
100
1000
1
10
TI3MAB
V
GEN = 250 Vrm s
R
GEN = 10 to 150 Ω
t - Power Pulse Duration - s
0·0001 0·001
0·01
0·1
1
10
100
1000
1
10
100
TI3MAA
MAXIMUM NON-RECURRING 50 Hz CURRENT
vs
CURRENT DURATION
THERMAL RESPONSE


Similar Part No. - TISP3125F3_08

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP3125F3_08

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3240F3 BOURNS-TISP3240F3_08 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3XXXF3 BOURNS-TISP3XXXF3 Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com