Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP62170EK-3 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62170EK-3
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62170EK-3 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62170EK-3 Datasheet HTML 1Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 2Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 3Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 4Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 5Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 6Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 7Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 8Page - Monolithic Power Systems MP62170EK-3 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP62170-3/MP62171-3
3.3V/5V, Single-Channel 1.5A
Current-Limited Power Distribution Switch
MP62170-3/MP62171-3 Rev.0.9
www.MonolithicPower.com
1
6/28/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62170-3/MP62171-3 Power Distribution
Switch features internal current limiting to
prevent damage to host devices due to faulty
load conditions. The MP62170-3/MP62171-3
analog switch has 75mΩ on-resistance and
operates from 2.7V to 5.5V input. It is available
with guaranteed current limits, making it ideal
for load switching applications. The MP62170-
3/MP62171-3 has built-in protection for both
over current and increased thermal stress. For
over current, the device will limit the current by
changing to a constant current mode.
As the temperature increases as a result of
short circuit, then the device will shut off. The
device will recover once the device temperature
reduces to approx 120
°C.
MP62170-3/MP62171-3 is available in 8-pin
MSOP and SOIC package without exposed pad.
FEATURES
• 1.5A Continuous Current
• Accurate Current Limit
• 2.7V to 5.5V Supply Range
• 90uA Quiescent Current
• 75mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• Active High & Active Low Options
APPLICATIONS
• Smartphone and PDA
• Portable GPS Device
• Notebook PC
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP62170EK-3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62170EK-1 MPS-MP62170EK-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
More results

Similar Description - MP62170EK-3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
   3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
   3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
   3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com