Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4C350H3BJ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4C350H3BJ
Description  LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4C350H3BJ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4C350H3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4C350H3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4C350H3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4C350H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage
'4C290H3BJ
'4C350H3BJ
VDRM
±220
±275
'4C145H3BJ
'4C180H3BJ
±120
'4C165H3BJ
±135
±145
'4C250H3BJ
±190
'4C125H3BJ
'4C220H3BJ
±100
'4C115H3BJ
±90
±180
V
Non-repetitive peak impulse current (see Notes 1 and 2)
2/10
μs (GR-1089-CORE, 2/10 μs voltage wave shape)
10/160
μs (TIA-968-A, 10/160 μs voltage wave shape)
5/310
μs (ITU-T K.44, 10/700 μs voltage wave shape used in K.20/21/45)
10/560
μs (TIA-968-A, 10/560 μs voltage wave shape)
10/1000
μs (GR-1089-CORE, 10/1000 μs voltage wave shape)
IPPSM
±500
±200
±150
±100
±100
A
Non-repetitive peak on-state current (see Notes 1, 2 and 3)
ITSM
30
2.1
A
20 ms, 50 Hz (full sine wave)
1000 s, 50 Hz
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially the device must be in thermal equilibrium with TJ = 25 °C.
2. The surge may be repeated after the device returns to its initial conditions.
3. EIA/JESD51-2 environment and EIA/JESD51-3 PCB with standard footprint dimensions connected with 5 A rated printed wiring
track widths.
SEPTEMBER 2004 – REVISED JANUARY 2010
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4CxxxH3BJ Overvoltage Protector Series
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-state current
VD = VDRM
TA = 25 °C
TA = 85 °C
±5
±10
μA
V(BO)
Breakover voltage
dv/dt =
±250 V/ms, RSOURCE = 300 Ω
'4C290H3BJ
'4C350H3BJ
±290
±350
'4C145H3BJ
'4C180H3BJ
±145
'4C165H3BJ
±165
±180
'4C250H3BJ
±250
'4C125H3BJ
'4C220H3BJ
±125
'4C115H3BJ
±115
±220
V
V(BO)
Impulse breakover voltage
dv/dt
≤ ±1000 V/μs, Linear voltage ramp,
Maximum ramp value =
±500 V
di/dt =
±10 A/μs, Linear current ramp,
Maximum ramp value =
±10 A
'4C290H3BJ
'4C350H3BJ
±300
±360
'4C145H3BJ
'4C180H3BJ
'4C290H3BJ
'4C350H3BJ
'4C220H3BJ
'4C250H3BJ
±155
'4C165H3BJ
±175
±190
'4C250H3BJ
±260
'4C125H3BJ
'4C220H3BJ
±135
'4C115H3BJ
±125
±230
V
I(BO)
Breakover current
dv/dt =
±250 V/ms, RSOURCE = 300 Ω±600
mA
VT
On-state voltage
IT = ±5A,t w = 100 μs
±3V
IH
Holding current
IT = ±5 A, di/dt = ±30 mA/ms
±150
±600
mA
CO
Off-state capacitance
f = 1 MHz, Vd = 1 V rms, VD = -2 V
40
'4C125H3BJ
'4C115H3BJ
50
'4C145H3BJ
'4C165H3BJ
'4C180H3BJ
45
pF


Similar Part No. - TISP4C350H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4C350H3BJ BOURNS-TISP4C350H3BJ Datasheet
182Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4C350H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4CXXXH3BJ BOURNS-TISP4CXXXH3BJ Datasheet
182Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com