Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDS3012C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS3012C
Description  Digital Phosphor Oscilloscopes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS3012C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TDS3012C Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS3012C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Trigger system
Trigger modes
Auto (supports Roll Mode for 40 ms/div and slower), Normal, Single Sequence
B trigger
Trigger after time or events
Trigger after time range
13.2 ns to 50 s
Trigger after events range
1 to 9,999,999 events
Trigger types
Edge
Conventional level-driven trigger. Positive or negative slope on any channel. Coupling selections: AC, DC, Noise Reject, HF
Reject, LF Reject
Video
Trigger on all lines or individual lines, odd/even or all fields on NTSC, PAL, SECAM
Extended video
Trigger on specific lines in broadcast and non-broadcast (custom) standards and on analog HDTV formats (1080i, 1080p, 720p,
480p). Requires TDS3VID or TDS3SDI application module
Pulse width (or glitch)
Trigger on a pulse width <, >, =, ≠ to a selectable time limit ranging from 39.6 ns to 50 s
Runt
Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again
Rise/fall time
Trigger on pulse edge rates that are either faster or slower than a set rate. Edges can be rising, falling, or either
Pattern
Specifies AND, OR, NAND, NOR when true or false for a specific time
State
Any logic state. Triggerable on rising or falling edge of a clock. Logic triggers can be used on combinations of 2 inputs (not 4)
Comm
Provides isolated pulse triggering required to perform DS1/DS3 telecommunications mask testing per ANSI T1.102 standard.
Requires TDS3TMT application module
Alternate
Sequentially uses each active channel as a trigger source
Acquisition system
DPO
Captures and displays complex waveforms, random events and subtle patterns in actual signal behavior. DPOs provide
3 dimensions of signal information in real time: Amplitude, time, and the distribution of amplitude over time
Sample
Sample data only
Average
Waveform averaged, selectable from 2 to 512
Envelope
Min-max values acquired over one or more acquisitions
Peak detect
High-frequency and random glitch capture. Captures glitches as narrow as 1 ns (typical) using acquisition hardware at all time
base settings
WaveAlert
®
Monitors the incoming signals on all channels and alerts the user to any waveform that deviates from the normal waveform being
acquired
Single sequence
Use the Single Sequence button to capture a single triggered acquisition sequence at a time
Datasheet
6 www.tektronix.com


Similar Part No. - TDS3012C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS3012C TEKTRONIX-TDS3012C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Similar Description - TDS3012C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com