Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDS3000C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TDS3000C
Description  Digital Phosphor Oscilloscopes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS3000C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TDS3000C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 12Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 13Page - List of Unclassifed Manufacturers TDS3000C Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Warranty
Three year warranty covering all labor and parts, excluding probes and accessories
Instrument options
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A4
North America power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A99
No power cord
Language options
Opt. L0
English manual
Opt. L1
French manual
Opt. L2
Italian manual
Opt. L3
German manual
Opt. L4
Spanish manual
Opt. L5
Japanese manual
Opt. L6
Portuguese manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
Opt. L9
Korean manual
Opt. L10
Russian manual
Opt. L99
No manual
Language options include translated front-panel overlay for the selected language(s).
TDS3000C Series Digital Phosphor Oscilloscopes
www.tektronix.com 11


Similar Part No. - TDS3000C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Similar Description - TDS3000C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com