Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDP1500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDP1500
Description  Differential Probes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDP1500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDP1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDP1500 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Warranted characteristics
Bandwidth (probe only)
TDP1500
≥1.5 GHz warranted
TDP3500
≥3.5 GHz warranted
Attenuation
TDP1500
1X, 10X
TDP3500
5X
CMMR
>60 dB at 1 MHz, >25 dB at 1 GHz
Maximum input voltage
(nondestruct)
TDP1500
±25 V (DC + pk AC)
TDP3500
±15 V (DC + pk AC)
Typical characteristics
Rise time (probe only)
TDP1500
≤265 ps
TDP3500
≤110 ps
Differential input capacitance
TDP1500
≤1 pF
TDP3500
≤0.3 pF
Differential input resistance
TDP1500
200 kΩ
TDP3500
100 kΩ
Noise level
TDP1500
< 50
nV
Hz
TDP3500
≈ 35
nV
Hz
Propagation delay
5.4 ns
Common mode input range
TDP1500
±7 V (1X)
±7 V (10X)
TDP3500
+5 V to -4V
Input offset range
TDP1500
±7 V (10X or 1X)
TDP3500
±1 V displayed
Differential input dynamic range
TDP1500
±8.5 V (10X)
±850 mV (1X)
TDP3500
±2 V
TDP1500 and TDP3500 Differential probes
www.tektronix.com 3


Similar Part No. - TDP1500

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDP1500 TEKTRONIX-TDP1500 Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDP1500 TEKTRONIX-TDP1500 Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
TDP1500 TEKTRONIX-TDP1500 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
More results

Similar Description - TDP1500

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
   1 GHz and 500 MHz High Voltage Differential Probes
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
   Active Probes
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com