Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP62041-1 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62041-1
Description  1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62041-1 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62041-1 Datasheet HTML 1Page - Monolithic Power Systems MP62041-1 Datasheet HTML 2Page - Monolithic Power Systems MP62041-1 Datasheet HTML 3Page - Monolithic Power Systems MP62041-1 Datasheet HTML 4Page - Monolithic Power Systems MP62041-1 Datasheet HTML 5Page - Monolithic Power Systems MP62041-1 Datasheet HTML 6Page - Monolithic Power Systems MP62041-1 Datasheet HTML 7Page - Monolithic Power Systems MP62041-1 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP62040-1/MP62041-1
1.7V- 5.5V, Ultra-Small, Single-Channel 2A
Current-Limited Power Distribution Switch
with Output Discharge
MP62040-1/MP62041-1 Rev.1.01
www.MonolithicPower.com
1
7/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62040-1/MP62041-1 Power Distribution
Switch is designed for high-side load switch
applications. The switch operates from 1.7V to
5.5V nominal input voltage and includes an
85mΩ Power MOSFET to handle up to 2A
continuous load.
The MP62040-1/MP62041-1 has slew rate
control with 115µs rise time to limit inrush
current when enabling the switch. In addition,
the part features a discharge function that
provides a resistive discharge path for the
external output capacitor when the part is
disabled.
The built-in level shift function allows a logic
signal on enable input that may be different
from the supply voltage to switch the high side
P-channel MOSFET ON or OFF.
The MP62040-1/MP62041-1 is available in an
ultra-small UTQFN4 package, with ultra-low
height (0.55mm typ.).
FEATURES
 2A Continuous Current
 1.7V to 5.5V Supply Range
 Output Discharge Function
 Soft Start: 115µs
 1µA Shutdown Current
 85mΩ MOSFET
 Active High & Active Low Options
 Space Saving 1.6x1.2mm UTQFN4
Package (0.55mm Height)
APPLICATIONS
 Load Switch in Portable Applications
 Battery Switch-over Circuits
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
1.7-5.5V
GND
3
4
MP62040-1/MP62041-1
1
2
IN
OUT
Input
C1
C2
Output
EN*
(*: EN is active high for MP62041-1)
Single Channel


Similar Part No. - MP62041-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62041DQFU MPS-MP62041DQFU Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
More results

Similar Description - MP62041-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62130 MPS-MP62130 Datasheet
420Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
logo
Diodes Incorporated
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com