Electronic Components Datasheet Search |
|
MP62040-1 Datasheet(PDF) 2 Page - Monolithic Power Systems |
|
MP62040-1 Datasheet(HTML) 2 Page - Monolithic Power Systems |
2 / 8 page MP62040-1/MP62041-1 1.7V- 5.5V, 2A POWER DISTRIBUTION SWITCH MP62040-1/MP62041-1 Rev.1.01 www.MonolithicPower.com 2 7/18/2011 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2011 MPS. All Rights Reserved. ORDERING INFORMATION Part Number Enable Switch Maximum Continuous Load Current Package Top Marking Free Air Temperature (TA) MP62040DQFU-1* Active Low Single 2A UTQFN4 AFY -40 C to +85C MP62041DQFU-1 Active High UTQFN4 5UY * For Tape & Reel, add suffix –Z (e.g. MP62040DQFU-1–Z). For RoHS compliant packaging, add suffix –LF (e.g. MP62040DQFU-1-LF–Z) PACKAGE REFERENCE TOP VIEW OUT GND EN* IN 1 2 4 3 EXPOSED PAD ON BACKSIDE *: EN is active high for MP62041-1 ABSOLUTE MAXIMUM RATINGS (1) IN .................................................-0.3V to +6.0V EN, OUT to GND .........................-0.3V to +6.0V Continuous Power Dissipation (TA = +25°C) (2) UTQFN4…………………………………......0.7W Junction Temperature...............................150°C Lead Temperature ....................................260°C Storage Temperature............... -65°C to +150°C Maximum Junction Temp. (TJ) ............... +125C Thermal Resistance (3) θJA θJC UTQFN4 ................................ 173 .... 127.. C/W Notes: 1) Exceeding these ratings may damage the device. 2) The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to- ambient thermal resistance θJA, and the ambient temperature TA. The maximum allowable continuous power dissipation at any ambient temperature is calculated by PD(MAX)=(TJ(MAX)- TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. 3) Measured on JESD51-7, 4-layer PCB. |
Similar Part No. - MP62040-1 |
|
Similar Description - MP62040-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |