Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP44011HS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP44011HS
Description  Boundary-Mode PFC Controller with Harmonic Injection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44011HS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP44011HS Datasheet HTML 2Page - Monolithic Power Systems MP44011HS Datasheet HTML 3Page - Monolithic Power Systems MP44011HS Datasheet HTML 4Page - Monolithic Power Systems MP44011HS Datasheet HTML 5Page - Monolithic Power Systems MP44011HS Datasheet HTML 6Page - Monolithic Power Systems MP44011HS Datasheet HTML 7Page - Monolithic Power Systems MP44011HS Datasheet HTML 8Page - Monolithic Power Systems MP44011HS Datasheet HTML 9Page - Monolithic Power Systems MP44011HS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP44011 – BOUNDARY-MODE PFC CONTROLLER WITH HARMONIC INJECTION
MP44011 Rev. 1.01
www.MonolithicPower.com
6
1/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 15V, TA = 25°C, unless otherwise noted.
VGD DROPOUT (V)
Gate-drive Output
High Saturation
Gate-drive Output
Low Saturation
VGD (V)
ZCS Clamp Levels vs. TJ
0
2
4
6
8
10
-50
0
50
100
150
23
45
67
0
1
2
3
4
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
600
700
800
Upper Clamp
Lower Clamp


Similar Part No. - MP44011HS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
   HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44010HP MPS-MP44010HP Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44010HS MPS-MP44010HS Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
More results

Similar Description - MP44011HS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
logo
Monolithic Power System...
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com