Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAP1500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TAP1500
Description  1.5 GHz Active Probe
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TAP1500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TAP1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers TAP1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers TAP1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers TAP1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAP1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAP1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Warranted electrical characteristics
Attenuation (probe only)
10X ±2%
Typical characteristics
Bandwidth (probe only)
≥1.5 GHz
Rise time (probe only)
<267 ps
Input capacitance
<1 pF
Input resistance
1 MΩ
Linearity
±8 V (16 Vp-p)
Input offset range
±10 V
Maximum non-destructive input
voltage
±15 V (DC + peak AC)
Propagation delay
5.3 ns
Physical characteristics
Probe head size
Height
11.25 mm (0.44 in)
Width
5.1 mm (0.20 in)
Length
60.4 mm (2.39 in)
Other dimensions
Cable length
1300 mm (51 in)
Weight
Net
0.45 kg (1.0 lbs)
Power requirements
The probe is powered directly by oscilloscopes with the TekVPI probe interface.
EMC, environment, and safety
Temperature
Operating
0 °C to +50 ° (+32 °F to 122 °F)
Nonoperating
-40 ° C to +71 °C (-40 °F to 160 °F)
Humidity
Operating
5% to 95% Relative Humidity up to +30 °C (+86 °F) 5% to 85% Relative Humidity at 30 °C to +50 °C (+86 °F to +122 °F)
noncondensing
Nonoperating
5% to 95% Relative Humidity up to +30 °C (+86 °F) 5% to 85% Relative Humidity at 30 °C to +75 °C (+86 °F to +167 °F)
noncondensing
Altitude
Operating
Up to 4,400 m (14,436 ft)
Nonoperating
Up to 12,192 m (40,000 ft)
Datasheet
2 www.tektronix.com


Similar Part No. - TAP1500

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TAP1500 TEKTRONIX-TAP1500 Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TAP1500 TEKTRONIX-TAP1500 Datasheet
961Kb / 18P
   Mixed Signal Oscilloscopes
TAP1500 TEKTRONIX-TAP1500 Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
TAP1500 TEKTRONIX-TAP1500 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
More results

Similar Description - TAP1500

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P7240 TEKTRONIX-P7240 Datasheet
1Mb / 8P
   4 GHz Active Probe
logo
Pomona Electronics
6731 POMONA-6731 Datasheet
185Kb / 4P
   Active Differential Probe
logo
TEKTRONIX, INC.
P6245 TEKTRONIX-P6245 Datasheet
689Kb / 4P
   Active Probe for SMDs
logo
List of Unclassifed Man...
P6245 ETC2-P6245 Datasheet
1Mb / 4P
   Active Probe for SMDs
logo
Nais(Matsushita Electri...
RK1-3V NAIS-RK1-3V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com