Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6248 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P6248
Description  Differential Probes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P6248 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P6248 Datasheet HTML 1Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 2Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 3Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 4Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 5Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 6Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 7Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 8Page - List of Unclassifed Manufacturers P6248 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Differential Probes
P6248·P6247·P6246 Datasheet
P6248
The P6248, P6247, and P6246 Differential Probes enable users to make
time-domain or frequency-domain measurements on high-bandwidth signals
commonly found in disk drive, digital IC design (RAMBUS), and
communication applications (Gigabit Ethernet, IEEE-1394 Firewire, and
Fibre Channel). The P6248 includes accessories that allow RAMBUS via
probing and IEEE-1394 interconnect access. The small probe head
geometry and assorted probe tip accessories allow these probes to easily
accommodate manual probing of surface-mount devices while maintaining
high CMRR.
P6248 key performance specifications
≥1.5 GHz bandwidth (guaranteed)
1.7 GHz (typical, ≤27 °C) 1X mode
1.85 GHz (typical, ≤27 °C) 10X mode
P6247 key performance specifications
≥1.0 GHz bandwidth (guaranteed)
P6246 key performance specifications
≥400 MHz bandwidth (guaranteed)
Key features
Low input capacitance: <1 pF differential
Probe input connector: two standard 0.025 in./0.63 mm (0.1 in. center)
square pin receptacle (female)
Electrostatic discharge tolerant (IEC 801-2)
For use with oscilloscopes, spectrum analyzers, or network analyzers
>60 dB (1000:1) Common Mode Rejection Ratio (CMRR)
Small probe head allows easy probing of SMDs
Connectivity
Connects to TekProbe® BNC interface on TDS Series oscilloscopes or
other instruments using 1103 TekProbe® Power Supply
Applications
Communications (Gigabit ethernet, IEEE-1394, fibre channel)
Semiconductor characterization (RAMBUS)
Disk drive read channel design
Communication pulse shape compliance
Jitter, crosstalk, and BERT measurements
Location of ground bounce


Similar Part No. - P6248

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
More results

Similar Description - P6248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
   1 GHz and 500 MHz High Voltage Differential Probes
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
   Active Probes
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com