Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1405-001 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMV1405-001
Description  Abrupt Junction Tuning Varactors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1405-001 Datasheet(HTML) 1 Page - Alpha Industries

  SMV1405-001 Datasheet HTML 1Page - Alpha Industries SMV1405-001 Datasheet HTML 2Page - Alpha Industries SMV1405-001 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristic
Value
Reverse Voltage (VR)
30 V
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Abrupt Junction Tuning Varactors
Features
s High Q
s Low Series Resistance for Low Phase
Noise
s Multiple Packages SOT-23, SOD-323,
SC-70 and SC-79
s Designed for High Volume Commercial
Applications
s SPICE Models are Available
SMV1405–SMV1419
Description
The SMV1405–SMV1419 series of silicon abrupt junction
varactor diodes are designed for use in VCOs requiring tight
capacitance tolerances. The low resistance of these
varactors makes them appropriate for high Q resonators
in wireless system VCOs to frequencies beyond 2.5 GHz.
The devices are characterized for capacitance over
temperature. SPICE models are provided.
Single
Single
Common Cathode
Common Cathode
SC-79
SOT-23
SOT-23
SC-70
o SMV1405-079
o SMV1405-001
o SMV1405-074
o SMV1408-001
o SMV1411-001
o SMV1413-001
o SMV1417-001
o SMV1417-004
o SMV1419-001
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.4 nH
o Available through distribution.
For other packages or configurations, please contact the factory.


Similar Part No. - SMV1405-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1405-040LF SKYWORKS-SMV1405-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SMV1405-040LF SKYWORKS-SMV1405-040LF Datasheet
726Kb / 10P
   Plastic Packaged Abrupt Junction Tuning Varactors
SMV1405-074 SKYWORKS-SMV1405-074 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1405-074LF SKYWORKS-SMV1405-074LF Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1405-079 SKYWORKS-SMV1405-079 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
More results

Similar Description - SMV1405-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
   Plastic Packaged Abrupt Junction Tuning Varactors
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
   Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A_09 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
   GaAs Abrupt Tuning Varactors
logo
Microsemi Corporation
GC1600A MICROSEMI-GC1600A Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1700A MICROSEMI-GC1700A Datasheet
138Kb / 3P
   CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
   Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
   GaAs, High Q Abrupt Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com