Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-80SQ040 Datasheet(PDF) 4 Page - International Rectifier

Part # VS-80SQ040
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

VS-80SQ040 Datasheet(HTML) 4 Page - International Rectifier

  VS-80SQ040 Datasheet HTML 1Page - International Rectifier VS-80SQ040 Datasheet HTML 2Page - International Rectifier VS-80SQ040 Datasheet HTML 3Page - International Rectifier VS-80SQ040 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
80SQ... Series
PD-2.047 rev. D 11/97
4
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig.5-Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig.6-Forward Power Loss Characteristics
Fig.7-Maximum Non-Repetitive Surge Current
0
1
2
3
4
5
6
0246
8
10
12
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent -I
(A)
130
140
150
160
170
180
02468
10
12
DC
AverageForwardCurrent -I
(A)
F(AV)
80SQ
R
(DC)=8.0°C/W
thJL
=1/8inch
100
1000
10000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+


Similar Part No. - VS-80SQ040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80SQ040 VISHAY-VS-80SQ040 Datasheet
145Kb / 7P
   Schottky Rectifier, 8 A
Revision: 19-Sep-11
VS-80SQ040-M3 VISHAY-VS-80SQ040-M3 Datasheet
145Kb / 7P
   Schottky Rectifier, 8 A
Revision: 19-Sep-11
VS-80SQ040TR VISHAY-VS-80SQ040TR Datasheet
145Kb / 7P
   Schottky Rectifier, 8 A
Revision: 19-Sep-11
VS-80SQ040TR-M3 VISHAY-VS-80SQ040TR-M3 Datasheet
145Kb / 7P
   Schottky Rectifier, 8 A
Revision: 19-Sep-11
More results

Similar Description - VS-80SQ040

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com