Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1213-001 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMV1213-001
Description  Hyperabrupt Junction Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1213-001 Datasheet(HTML) 2 Page - Alpha Industries

  SMV1213-001 Datasheet HTML 1Page - Alpha Industries SMV1213-001 Datasheet HTML 2Page - Alpha Industries SMV1213-001 Datasheet HTML 3Page - Alpha Industries SMV1213-001 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hyperabrupt Junction Tuning Varactors
SMV1211–SMV1215
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
-3
-2
-1
0
1
2
3
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance Change
vs. Temperature
VR = 1 V
VR = 4 V
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Series Resistance Change
vs. Temperature @ 500 MHz
-15
-10
-5
0
5
10
15
0
1
2
3
4
Reverse Voltage (V)
Series Resistance vs. Reverse Voltage
@ 500 MHz
01
2
3
4
5
SMV1215
SMV1214
SMV1213
SMV1212
SMV1211
Typical Performance Data
CT @ 1 V
CT @ 1 V RS @ 4 V
Q
Part
CT @ 1 V
CT @ 2.5 V
CT @ 4 V
CT @ 2.5 V
CT @ 4 V
500 MHz
@ 4 V
Number
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω)
50 MHz
Min.
Typ.
Min.
Max.
Typ.
Max.
Typ.
Typ.
Typ.
Min.
SMV1211
95.0
100.0
40.0
65.0
20
25.0
2
5
0.4
80
SMV1212
42.0
50.0
18.0
27.0
9
12.0
2
5
0.8
150
SMV1213
17.0
22.0
8.5
10.5
4
5.5
2
5
1.4
200
SMV1214
14.5
16.0
6.5
7.8
3
4.8
2
5
1.7
300
SMV1215
8.7
9.5
4.3
5.5
2
2.9
2
5
2.8
350
Electrical Specifications at 25°C
Reverse Voltage VR (IR = 10 µA): 12 V
Reverse Current IR (VR = 8 V): 20 nA
1.0
10.0
100.0
1000.0
6.0
8.0
4.0
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
2.0
0
SMV1212
SMV1213
SMV1214
SMV1215
SMV1211


Similar Part No. - SMV1213-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1213-001 SKYWORKS-SMV1213-001 Datasheet
82Kb / 7P
   SMV1211-SMV1215: Hyperabrupt Junction Tuning Varactors
SMV1213-001 SKYWORKS-SMV1213-001 Datasheet
829Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1213-001LF SKYWORKS-SMV1213-001LF Datasheet
82Kb / 7P
   SMV1211-SMV1215: Hyperabrupt Junction Tuning Varactors
SMV1213-001LF SKYWORKS-SMV1213-001LF Datasheet
829Kb / 10P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1213-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com