Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCGPR16V476M5X11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCGPR16V476M5X11
Description  General Purpose Radial Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCGPR16V476M5X11 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCGPR16V476M5X11 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCGPR16V476M5X11 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCGPR16V476M5X11 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCGPR16V476M5X11 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCGPR16V476M5X11 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCGPR16V476M5X11 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GPR Series
General Purpose Radial Capacitors
Page <4>
02/07/10 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
WV(SV)
µµF
6.3
(8)
10
(13)
16
(20)
25
(32)
35
(44)
50
(63)
63
(79)
100
(125)
160
(200)
200
(250)
250
(300)
350
(400)
400
(450)
450
(500)
0.1 to 0.47
8
10
10
10
10
11
12
12
1.0
13
16
16
16
18
18
18
19
2.2
21
27
28
29
31
28
28
29
3.3
30
40
35
36
40
35
35
35
4.7
30
35
40
40
45
41
45
49
40
45
50
10
45
45
50
60
65
75
70
72
81
70
70
75
22
60
60
70
80
90
110
130
120
126
144
110
110
110
33
65
75
85
95
105
120
140
170
170
160
171
140
140
150
47
80
90
100
120
135
150
180
230
220
193
210
170
190
220
100
130
140
170
180
220
250
280
380
350
330
320
420
520
150
170
220
240
310
350
400
450
550
660
720
730
740
750
220
220
240
280
320
380
430
490
680
690
700
810
820
330
260
320
360
420
480
540
680
800
800
970
1110
470
380
400
460
540
620
750
880
1000
1080
1220
1430
560
440
500
580
670
770
880
1050
1170
1240
1400
1630
680
500
570
660
760
870
1000
1160
1330
1430
1650
820
560
640
740
850
970
1130
1300
1500
1690
1,000
580
660
760
900
1040
1260
1400
1970
2,200
1000
1050
1250
1460
1700
1900
2460
3390
3,300
1200
1340
1620
1800
2060
2180
3270
4,700
1650
1720
1960
2150
2280
3380
3800
6,800
1750
2060
2250
2400
3490
4110
4500
8,200
2150
2520
2870
3420
3780
4150
10,000
2260
2640
2980
3710
4170
4300
15,000
2760
3120
3890
4270
22,000
3000
4010
4410
4500
Permissible Ripple Current
Maximum ripple current: mA (rms) (at 85°C, 120Hz)


Similar Part No. - MCGPR16V476M5X11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
489Kb / 16P
   RF Power LDMOS Transistor
Rev. 0, 12/2018
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
364Kb / 9P
   RF Power LDMOS Transistor
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
374Kb / 8P
   RF Power GaN Transistor
Rev. 1, 01/2021
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
376Kb / 16P
   Airfast Power Amplifier Module
Rev. 0-June 2021
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
469Kb / 16P
   Power Amplifier Module for LTE and 5G
Rev. 2, 12/2020
More results

Similar Description - MCGPR16V476M5X11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
REA471M1CBK100125 RFE-REA471M1CBK100125 Datasheet
123Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS REA Series: Radial, General Purpose
REA RFE-REA Datasheet
2Mb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS REA Series: Radial, General Purpose
31-AUG-2023
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
226CKR100M ILLINOISCAPACITOR-226CKR100M Datasheet
134Kb / 1P
   Radial Lead General Purpose
226CKS450M ILLINOISCAPACITOR-226CKS450M Datasheet
107Kb / 1P
   Radial Lead General Purpose
HJR226M160 ILLINOISCAPACITOR-HJR226M160 Datasheet
106Kb / 1P
   Radial Lead General Purpose
HJR226M200 ILLINOISCAPACITOR-HJR226M200 Datasheet
106Kb / 1P
   Radial Lead General Purpose
HJR336M160 ILLINOISCAPACITOR-HJR336M160 Datasheet
131Kb / 1P
   Radial Lead General Purpose
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com