Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEAE32E102DA3A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DEAE32E102DA3A
Description  High Voltage Ceramic Capacitors (250V-6.3kV)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEAE32E102DA3A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DEAE32E102DA3A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o Part Numbering
(Part Number)
High Voltage Ceramic Capacitors (250V-6.3kV)
tCapacitance
Expressed by three figures. The unit is pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two numbers.
oIndividual Specification Code
In case part number cannot be identified without "Individual
Specification", it is added at the end of part number. Expressed
by three-digit alphanumerics.
First three digits (
qProduct ID and wSeries Category) express "Series
Name".
Vertical
Crimp
Long
Vertical
Crimp
Short
Straight
Long
Straight
Short
Vertical
Crimp
Taping
Straight
Taping
t
102
y
K
q
DE
u
N2
r
3A
e
B3
w
B
i
A
o
qProduct ID
wSeries Category
eTemperature Characteristics
rRated Voltage
Code
2E
2H
3A
3D
3F
3J
LH
yCapacitance Tolerance
Capacitance Tolerance
Code
C
D
J
K
Z
T0.25pF
T0.5pF
T5%
T10%
W80%, Y20%
Contents
Outline
Code
A
B
C
H
S
F
Cap. Change
or Temp. Coeff.
Temperature
Range
Temperature
Characteristics
Rated Voltage
Code
B3
E3
F3
C3
R3
D3
1X
2C
T10%
W20%,Y55%
W30%,Y80%
T20%
W15%,Y30%
T15%
W15%,Y30%
W20%,Y30%
W350 to Y1000ppm/D
0
T60ppm/D
Y25 to W85D
Y25 to W85D
W85 to W125D
Y25 to W85D
W85 to W125D
Y25 to W125D
W20 to W85D
W20 to W85D
B
E
F
C
R
D
SL
CH
High Voltage
Class 1 (Char. SL) DC1-3.15kV Rated
Class 2 DC1-3.15kV Rated
Class 1, 2 DC6.3kV Rated
High Temperature Guaranteed,
Low-dissipation Factor (Char. R, C)
High Temperature Guaranteed,
Low-dissipation Factor (Char. D)
LCD Backlight Inverter Circuit
DC250V
DC500V
DC1kV
DC2kV
DC3.15kV
DC6.3kV
6.3kVp-p
Product ID
DE
High Voltage Ceramic Capacitors (250V-6.3kV) /
Safety Standard Certified Ceramic Capacitors
uLead Style
Lead
Style
Code
A2
A3
A4
B2/J2
B3/J3
B4
C1
C3
C4
CD
D1
D3
DD
N2
N3
N7
P2
P3
Lead
Spacing
Pitch of
Components
Lead Diameter
Dimensions (mm)
5
7.5
10
5
7.5
10
5
7.5
10
7.5
5
7.5
7.5
5
7.5
7.5
5
7.5
ø0.6
T0.05
ø0.6
T0.05
ø0.5
T0.05
ø0.6
T0.05
ø0.5
T0.05
ø0.5
T0.05
ø0.6
T0.05
ø0.5
T0.05
ø0.6
T0.05
ø0.6
T0.05
Y
Y
Y
Y
12.7
15
30
12.7
15
iPackaging
Packaging
Code
A
B
Ammo Pack Taping Type
Bulk Type


Similar Part No. - DEAE32E102DA3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEAE32E102DA3A MURATA-DEAE32E102DA3A Datasheet
56Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEAE32E102DA3A MURATA-DEAE32E102DA3A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Similar Description - DEAE32E102DA3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A472KA3B MURATA-DEBB33A472KA3B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEC1X3J180JC4B MURATA-DEC1X3J180JC4B Datasheet
62Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEA1X3A470JC1B MURATA-DEA1X3A470JC1B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DECB33J471KC4B MURATA-DECB33J471KC4B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEBF33A103ZA2B MURATA-DEBF33A103ZA2B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEBB33D102KA2B MURATA-DEBB33D102KA2B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEBB33A221KC1B MURATA-DEBB33A221KC1B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEBB33F222KN3A MURATA-DEBB33F222KN3A Datasheet
56Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DECB33J221KC4B MURATA-DECB33J221KC4B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEHR33A472KA3B MURATA-DEHR33A472KA3B Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com