Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7524JPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7524JPZ
Description  CMOS 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7524JPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7524JPZ Datasheet HTML 1Page - Analog Devices AD7524JPZ Datasheet HTML 2Page - Analog Devices AD7524JPZ Datasheet HTML 3Page - Analog Devices AD7524JPZ Datasheet HTML 4Page - Analog Devices AD7524JPZ Datasheet HTML 5Page - Analog Devices AD7524JPZ Datasheet HTML 6Page - Analog Devices AD7524JPZ Datasheet HTML 7Page - Analog Devices AD7524JPZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS
8-Bit Buffered Multiplying DAC
AD7524
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Microprocessor Compatible (6800, 8085, Z80, Etc.)
TTL/CMOS Compatible Inputs
On-Chip Data Latches
Endpoint Linearity
Low Power Consumption
Monotonicity Guaranteed (Full Temperature Range)
Latch Free (No Protection Schottky Required)
APPLICATIONS
Microprocessor Controlled Gain Circuits
Microprocessor Controlled Attenuator Circuits
Microprocessor Controlled Function Generation
Precision AGC Circuits
Bus Structured Instruments
GENERAL DESCRIPTION
The AD7524 is a low cost, 8-bit monolithic CMOS DAC
designed for direct interface to most microprocessors.
Basically an 8-bit DAC with input latches, the AD7524’s load
cycle is similar to the “write” cycle of a random access
memory. Using an advanced thin-film on CMOS fabrication
process, the AD7524 provides accuracy to 1/8 LSB with a typi-
cal power dissipation of less than 10 milliwatts.
A newly improved design eliminates the protection Schottky
previously required and guarantees TTL compatibility when
using a +5 V supply. Loading speed has been increased for
compatibility with most microprocessors.
Featuring operation from +5 V to +15 V, the AD7524 inter-
faces directly to most microprocessor buses or output ports.
Excellent multiplying characteristics (2- or 4-quadrant) make
the AD7524 an ideal choice for many microprocessor con-
trolled gain setting and signal control applications.
FUNCTIONAL BLOCK DIAGRAM
ORDERING GUIDE
Temperature
Nonlinearity
Package
Model
1
Range
(VDD = +15 V)
Option
2
AD7524JN
–40
°C to +85°C
±1/2 LSB
N-16
AD7524KN
–40
°C to +85°C
±1/4 LSB
N-16
AD7524LN
–40
°C to +85°C
±1/8 LSB
N-16
AD7524JP
–40
°C to +85°C
±1/2 LSB
P-20A
AD7524KP
–40
°C to +85°C
±1/4 LSB
P-20A
AD7524LP
–40
°C to +85°C
±1/8 LSB
P-20A
AD7524JR
–40
°C to +85°C
±1/2 LSB
R-16A
AD7524AQ
–40
°C to +85°C
±1/2 LSB
Q-16
AD7524BQ
–40
°C to +85°C
±1/4 LSB
Q-16
AD7524CQ
–40
°C to +85°C
±1/8 LSB
Q-16
AD7524SQ
–55
°C to +125°C
±1/2 LSB
Q-16
AD7524TQ
–55
°C to +125°C
±1/4 LSB
Q-16
AD7524UQ
–55
°C to +125°C
±1/8 LSB
Q-16
AD7524SE
–55
°C to +125°C
±1/2 LSB
E-20A
AD7524TE
–55
°C to +125°C
±1/4 LSB
E-20A
AD7524UE
–55
°C to +125°C
±1/8 LSB
E-20A
NOTES
1To order MIL-STD-883, Class B processed parts, add/883B to part number.
Contact your local sales office for military data sheet. For U.S. Standard
Military Drawing (SMD) see DESC drawing #5962-87700.
2E = Leadless Ceramic Chip Carrier: N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip; R = SOIC.


Similar Part No. - AD7524JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7524JP AD-AD7524JP Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JP AD-AD7524JP Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JP AD-AD7524JP Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
More results

Similar Description - AD7524JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JRZ AD-AD7524JRZ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com