Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1322-005 Datasheet(PDF) 3 Page - Alpha Industries

Part # SMP1322-005
Description  Low Resistance Plastic Packaged PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1322-005 Datasheet(HTML) 3 Page - Alpha Industries

  SMP1322-005 Datasheet HTML 1Page - Alpha Industries SMP1322-005 Datasheet HTML 2Page - Alpha Industries SMP1322-005 Datasheet HTML 3Page - Alpha Industries SMP1322-005 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Resistance Plastic Packaged PIN Diodes
SMP1322 Series
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 1/01A
25
20
15
10
5
0
0.5
1
2
34
Frequency (GHz)
SMP1322-017 Typical SPST
Switch Performance
Zero Bias
IF = 10 mA
Antenna
Receiver
Transmitter
Bias
λ/4
Antenna
Receiver
GND
Transmitter
Bias
λ/4
43
12
λ/4 T/R Switch
SMP1322-016 in
λ/4 T/R Switch
SMP1322-016 SOT-143 T/R Switch
The SMP1322-016 is a low cost PIN diode unconnected
pair specifically designed for low current drain antenna
T/R switches in hand held wireless suits. In the
specifically configured SOT-143 package, the PIN diodes
are oriented to enable connection as a
λ/4 switch with no
external crossover connections.
Transmitter
SMP1322-011
Antenna
DC Control
Receiver
SMP1322-017
λ/4
T/R Switch Design
SMP1322-017 SOT-143 Low Inductance
PIN Diode
The SMP1322-017 utilizes the SMP1322 PIN diode chip
in a customized SOT-143 plastic package designed for
high isolation performance in a shunt connected switch.
Its effective inductance, based on the 3 GHz isolation, is
less than 0.2 nH. This diode is designed to work effectively
as a shunt element in SPDT switches, covering the
wireless frequencies from 900 MHz to beyond 2 GHz.
Excellent performance is achievable when used in a
quarter-wave T/R switch with the SMP1322-001 (SOT-23)
or SMP1322-011 (SOD-323) PIN diode as the series
connected diode.
4
13
2
4
3
1
2
43
12
Schematic
Switch
Connection
Lead
Configuration


Similar Part No. - SMP1322-005

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1322-005 SKYWORKS-SMP1322-005 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322-005LF SKYWORKS-SMP1322-005LF Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
More results

Similar Description - SMP1322-005

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com