Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31B7U3A471JW31L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM31B7U3A471JW31L
Description  Chip Monolithic Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31B7U3A471JW31L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM31B7U3A471JW31L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2009.11.2
Capacitors > Monolithic Ceramic Medium Voltage
o
This data sheet is applied for CHIP MONOLITHIC CERAMIC CAPACITOR used for General Electronics equipment for your design.
<Notice>
o
Solderability of Tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the Tin
melting point is used. Please confirm the solderability of Tin plating termination chip before use.
o
Plese refer to 'Caution' and 'Notice' for the other details.
• The RoHS compliance means that we judge from EU Directive 2002/95/EC the products do not contain lead, cadmium, mercury, hexavalent
chromium, PBB and PBDE, except exemptions stated in EU Directive 2002/95/EC annex and impurities existing in natural world.
• This statement does not insure the compliance of any of the listed parts with any laws or legal imperatives developed by any EU members
individually with regards to the RoHS Directive.
Chip Monolithic Ceramic Capacitors
Medium Voltage Low Dissipation Factor
GRM31B7U3A471JW31L (1206, U2J, 470pF, DC1000V)
L
W
e
e
g
(in mm)
RoHS regulation conformity parts
I Dimensions
Length L
3.2mm
±0.2mm
Width W
1.6mm
±0.2mm
Thickness T
1.25mm+0/-0.3mm
Electrode e
0.3mm min.
Electrode g (min.)
1.5mm
I Rated Value
Murata PN Code
Spec
Temperature Char.
7U
U2J (EIA), -750
±120ppm/deg.
Capacitance
471
470pF
Capacitance Tol.
J
±5%
Rated Voltage
3A
DC1000V
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
3000
I Specifications
Please refer to
'Medium Voltage Low Dissipation Factor
Specifications and Test Methods'
PDF file.


Similar Part No. - GRM31B7U3A471JW31L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31B7U3A471JW31 MURATA-GRM31B7U3A471JW31 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM31B7U3A471JW31L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com