Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7492ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7492ARZ
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD7492ARZ Datasheet HTML 1Page - Analog Devices AD7492ARZ Datasheet HTML 2Page - Analog Devices AD7492ARZ Datasheet HTML 3Page - Analog Devices AD7492ARZ Datasheet HTML 4Page - Analog Devices AD7492ARZ Datasheet HTML 5Page - Analog Devices AD7492ARZ Datasheet HTML 6Page - Analog Devices AD7492ARZ Datasheet HTML 7Page - Analog Devices AD7492ARZ Datasheet HTML 8Page - Analog Devices AD7492ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.25 MSPS, 16 mW Internal REF and CLK,
12-Bit Parallel ADC
AD7492
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Throughput rate of 1 MSPS (AD7492)
Throughput rate of 1.25 MSPS (AD7492-5)
Throughput rate of 400 kSPS (AD7492-4)
Low power
4 mW typ at 1 MSPS with 3 V supplies
11 mW typ at 1 MSPS with 5 V supplies
Wide input bandwidth
70 dB typ SNR at 100 kHz input frequency
2.5 V internal reference
On-chip CLK oscillator
Flexible power/throughput rate management
No pipeline delays
High speed parallel interface
Sleep mode: 50 nA typ
24-lead SOIC and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
VIN
DB0
DB11
PS/FS
CONVST
BUSY
CS
RD
AD7492
AVDD
REF OUT
VDRIVE
AGND
DGND
DVDD
BUF
T/H
OUTPUT
DRIVERS
12-BIT SAR
ADC
2.5V
REF
CLOCK
OSCILLATOR
CONTROL
LOGIC
4
20
5
21
6
10
719
11
8
9
12
Figure 1.
GENERAL DESCRIPTION
The AD7492, AD7492-4, and AD7492-5 are 12-bit high speed,
low power, successive approximation ADCs. The parts operate
from a single 2.7 V to 5.25 V power supply and feature
throughput rates up to 1.25 MSPS. They contain a low noise,
wide bandwidth track/hold amplifier that can handle
bandwidths up to 10 MHz.
The conversion process and data acquisition are controlled
using standard control inputs allowing for easy interface to
microprocessors or DSPs. The input signal is sampled on the
falling edge of CONVST and conversion is also initiated at this
point. The BUSY pin goes high at the start of conversion and
goes low 880 ns (AD7492/AD7492-4) or 680 ns (AD7492-5)
later to indicate that the conversion is complete. There are no
pipeline delays associated with the part. The conversion result is
accessed via standard CS and RD signals over a high speed
parallel interface.
The AD7492 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. With 5 V
supplies and 1.25 MSPS, the average current consumption
AD7492-5 is typically 2.75 mA. The part also offers flexible
power/throughput rate management.
It is also possible to operate the part in a full sleep mode and a
partial sleep mode, where the part wakes up to do a conversion
and automatically enters a sleep mode at the end of conversion.
The type of sleep mode is hardware selected by the PS/FS pin.
Using these sleep modes allows very low power dissipation
numbers at lower throughput rates.
The analog input range for the part is 0 V to REFIN. The
2.5 V reference is supplied internally and is available for
external referencing. The conversion rate is determined by the
internal clock.
PRODUCT HIGHLIGHTS
1.
High Throughput with Low Power Consumption. The
AD7492-5 offers 1.25 MSPS throughput with 16 mW
power consumption.
2.
Flexible Power/Throughput Rate Management. The
conversion time is determined by an internal clock. The
part also features two sleep modes, partial and full, to
maximize power efficiency at lower throughput rates.
3.
No Pipeline Delay. The part features a standard successive
approximation ADC with accurate control of the sampling
instant via a CONVST input and once-off conversion
control.
4.
Flexible Digital Interface. The VDRIVE feature controls the
voltage levels on the I/O digital pins.
5.
Fewer Peripheral Components. The AD7492 optimizes
PCB space by using an internal reference and internal CLK.


Similar Part No. - AD7492ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492ARZ-5 AD-AD7492ARZ-5 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

Similar Description - AD7492ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com