Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5847B Datasheet(PDF) 1 Page - saftbatteries

Part # BA5847B
Description  Li-SO2 primary battery system
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5847B Datasheet(HTML) 1 Page - saftbatteries

  BA5847B Datasheet HTML 1Page - saftbatteries BA5847B Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Li-SO2 primary battery system
BA 5847 B/U
Assembled from 2 LO 26 SX cells
connected in series.
Key features
A non-replaceable fuse is
incorporated in the negative leg.
A normally closed thermal fuse
(TCO) is incorporated in the
battery. It is non-replaceable
and non-resetable.
A diode is incorporated to
prevent charging or flow of
current into the battery.
A device consisting of a
manually activated switch and
resistor designed to discharge
the battery to 0 V is built into
the battery.
Made in the USA
Typical applications
AN/PRM-34 Radio Tests
AN/PRS-7
Mine Detection
AN/TS-54
Night Sight
March 2006
Electrical Characteristics
Typical OCV (V)
6.0
Nominal voltage (at 500mA) (V)
5.3
Cut-off (V)
4.0
Typical Capacity (Ah) +21 °C / + 70 °F
7.5
(at 250 mA discharge current)
Operating temperature
-40° C to 71° C
-40° F to 160° F
Storage
Recommended max
+35°C/ +95°F
Possible
-40° C to 71° C / -40° F to 160° F
Physical Characteristics
Typical Weight (g/oz)
240 / 8.47
Weight of Li metal content (g/oz)
4.8 / 0.16
Max. Width (mm/ in)
95/ 3.78
Max. Height (mm/ in)
65 / 2.58
Max. Depth (mm/ in)
38 / 1.53
Battery Case
Plastic
References
Mating Connector
Keystone Electronics No. 212
Reference specifications
MIL PRF 49471B (CR) or Saft Standard Specifications
NSN Reference
6135-01-090-5364


Similar Part No. - BA5847B

ManufacturerPart #DatasheetDescription
logo
saftbatteries
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
   Li-SO2 primary battery system
logo
List of Unclassifed Man...
BA5801FS ETC-BA5801FS Datasheet
45Kb / 2P
   6-channel Driver with 3.3V Regulator
logo
Rohm
BA5810FM ROHM-BA5810FM Datasheet
115Kb / 9P
   CD / CD-ROM ?ⓦ깋?⒲궎?륤C
BA5810FM-E2 ROHM-BA5810FM-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5810FP ROHM-BA5810FP Datasheet
115Kb / 9P
   CD / CD-ROM ?ⓦ깋?⒲궎?륤C
More results

Similar Description - BA5847B

ManufacturerPart #DatasheetDescription
logo
saftbatteries
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
   Li-SO2 primary battery system
BA5600A SAFT-BA5600A Datasheet
181Kb / 2P
   Li-SO2 primary battery system
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
   Li-SO2 primary battery system
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
   Primary lithium battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
   Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
   Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
   Primary lithium battery system
logo
List of Unclassifed Man...
WR34615 ETC1-WR34615 Datasheet
83Kb / 2P
   3.6V Primary lithium-sulfur dioxide (Li-SO2) Power type D-size spiral cell
BA-5112 ETC-BA-5112 Datasheet
51Kb / 2P
   LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM
logo
saftbatteries
28VLBB SAFT-28VLBB Datasheet
595Kb / 2P
   Li-ion rechargeable military battery system
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com