Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7142-1EBZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD7142-1EBZ1
Description  Programmable Controller for Capacitance Touch Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7142-1EBZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD7142-1EBZ1 Datasheet HTML 5Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 6Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 7Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 8Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 9Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 10Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 11Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 12Page - Analog Devices EVAL-AD7142-1EBZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
AD7142
Rev. A | Page 8 of 72
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVCC to AGND, DVCC to DGND
−0.3 V to +3.6 V
Analog Input Voltage to AGND
−0.3 V to AVCC + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Input Current to Any Pin Except
Supplies1
10 mA
ESD Rating (Human Body Model)
2.5 kV
Operating Temperature Range
−40°C to +150°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP_VQ
Power Dissipation
450 mW
θJA Thermal Impedance
135.7°C/W
IR Reflow Peak Temperature
260°C (±0.5°C)
Lead Temperature (Soldering 10 sec)
300°C
1Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 5. Load Circuit for Digital Output Timing Specifications
ESD CAUTION


Similar Part No. - EVAL-AD7142-1EBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7143-1EBZ AD-EVAL-AD7143-1EBZ Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
EVAL-AD7143-1EBZ AD-EVAL-AD7143-1EBZ Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
EVAL-AD7147-1EBZ AD-EVAL-AD7147-1EBZ Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
EVAL-AD7147-1EBZ AD-EVAL-AD7147-1EBZ Datasheet
699Kb / 69P
   CapTouch Programmable Controller
EVAL-AD7147-1EBZ AD-EVAL-AD7147-1EBZ Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results

Similar Description - EVAL-AD7142-1EBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com