Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3C09B1-05S Datasheet(PDF) 3 Page - Anaren Microwave

Part # X3C09B1-05S
Description  Hybrid Coupler 3 dB, 90
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09B1-05S Datasheet(HTML) 3 Page - Anaren Microwave

  X3C09B1-05S Datasheet HTML 1Page - Anaren Microwave X3C09B1-05S Datasheet HTML 2Page - Anaren Microwave X3C09B1-05S Datasheet HTML 3Page - Anaren Microwave X3C09B1-05S Datasheet HTML 4Page - Anaren Microwave X3C09B1-05S Datasheet HTML 5Page - Anaren Microwave X3C09B1-05S Datasheet HTML 6Page - Anaren Microwave X3C09B1-05S Datasheet HTML 7Page - Anaren Microwave X3C09B1-05S Datasheet HTML 8Page - Anaren Microwave X3C09B1-05S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
`
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C21P1-03S
Rev C
Insertion Loss and Power Derating Curves
Typical Insertion Loss Derating Curve for X3C21P1-03
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
-100
0
100
200
300
400
Temperature of the Part (
oC)
typical insertion loss (f=2170Mhz)
typical insertion loss (f=2300Mhz)
typical insertion loss (f=2400Mhz)
typical insertion loss (f=2200Mhz)
X3C21P1-03 Power Derating Curve
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
Mounting Interface Temperature (
oC)
2110 - 2170Mhz
2000 - 2400Mhz
95
110
90
Insertion Loss Derating:
The insertion loss, at a given frequency, of a group of
couplers is measured at 25°C and then averaged. The
measurements
are
performed
under
small
signal
conditions (i.e. using a Vector Network Analyzer). The
process is repeated at 85°C, 150°C, and 200°C. A best-
fit line for the measured data is computed and then
plotted from -55°C to 300°C.
Power Derating:
The power handling and corresponding power derating
plots are a function of the thermal resistance, mounting
surface
temperature
(base
plate
temperature),
maximum continuous operating temperature of the
coupler, and the thermal insertion loss.
The thermal
insertion loss is defined in the Power Handling section of
the data sheet.
As the mounting interface temperature approaches the
maximum continuous operating temperature, the power
handling decreases to zero.
If mounting temperature is greater than 95°C, Xinger
coupler will perform reliably as long as the input power
is derated to the curve above.


Similar Part No. - X3C09B1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09B1-03P ANAREN-X3C09B1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
More results

Similar Description - X3C09B1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C14P1-03S ANAREN-X3C14P1-03S Datasheet
1Mb / 24P
   Hybrid Coupler 3 dB, 90
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
   3-dB Coupler (90° Hybrid) 806 – 960 MHz
logo
Anaren Microwave
C0727J5003AHF ANAREN-C0727J5003AHF Datasheet
341Kb / 4P
   Ultra Low Profile 0805 3 dB, 90 Hybrid Coupler
XMC2560E-03 ANAREN-XMC2560E-03 Datasheet
1Mb / 17P
   Wideband Hybrid Coupler, 3 dB
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com