Electronic Components Datasheet Search |
|
DE1B3KY102KA3 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
DE1B3KY102KA3 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 10 page Item Pitch of component Pitch of sprocket hole Lead spacing Length from hole center to component center Length from hole center to lead Body diameter Deviation along tape, left or right Carrier tape width Position of sprocket hold Lead distance between reference and bottom planes Protrusion length Diameter of sprocket hole Lead diameter Total tape thickness Total thickness, tape and lead wire Body thickness Portion to cut in case of defect Hold down tape width Hold down tape position Coating extension on lead Deviation across tape, front Deviation across tape, rear P P0 F P2 P1 D ∆S W W1 H0 H r øD0 ød t1 t2 T L W0 W2 e ∆h1 ∆h2 12.7 12.7 ±0.3 5.0 6.35 ±1.3 3.85 ±0.7 15.0 15.0 ±0.3 7.5 ±1.0 7.5 ±1.5 3.75 ±1.0 15.0 15.0 ±0.3 7.5 ±1.0 7.5 ±1.5 3.75 ±1.0 0 ±2.0 0 ±1.0 30.0 15.0 ±0.3 7.5 ±1.0 7.5 ±1.5 3.75 ±1.0 See the individual product specifications 18.0 ±0.5 9.0 ±0.5 +0.5 to -1.0 4.0 ±0.1 0.6 ±0.3 1.5 max. See the individual product specifications 11.0 11.5 min. 1.5 ±1.5 20.0 25.4 12.7 ±0.3 10.0 ±1.0 — 7.7 ±1.5 2.0 max. 1.0 max. (in mm) N2 N3 P3 N7 N4 N5 Code +0.8 –0.2 +1.5 –1.0 18.0 – – +2.0 –0 18.0 – +2.0 –0 +0 –1.0 12.7mm pitch / lead spacing 5mm taping Vertical crimp type (Lead Code : N2) 15mm pitch / lead spacing 7.5mm taping Vertical crimp type (Lead Code : N3) 0.6 ±0.05 30mm pitch / lead spacing 7.5mm taping Vertical crimp type (Lead Code : N7) 25.4mm pitch / lead spacing 10.0mm taping Vertical crimp type (Lead Code : N4, N5) P1 P0 P D ∆S F ød øD0 R P1 P2 P0 P D ∆S F ød øD0 R P1 P2 P0 PD ∆S F ød øD0 R 15mm pitch / lead spacing 7.5mm taping Straight type (Lead Code : P3) P1 P2 P0 PD ∆S F ød øD0 R P1 P2 P0 P D ∆S F ød øD0 R T max. ∆h1 ∆h2 O ∗ ∗ Marked side t2 t1 0.6 +0.1 –0.05 Continued on the following page. Up to the end of crimp Up to the end of crimp ∗ 3.0 max. Lead Code N2, N3, N4, N7 ∗ 4.0 max. Lead Code N5 Lead Code P3 H0 H0 Taping Specifications 3.0 max. |
Similar Part No. - DE1B3KY102KA3 |
|
Similar Description - DE1B3KY102KA3 |