Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3603 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # AAT3603
Description  Total Power Solution for Portable Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3603 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button AAT3603 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT3603 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
AAT3603
DATA SHEET
Total Power Solution for Portable Applications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202211B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
Electrical Characteristics1
VIN = 5V, VBAT = 3.6V, -40C ≤ TA ≤ +85C, unless noted otherwise. Typical values are TA = 25C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Logic Control / Protection (continued)
VOCP
Over Current Protection Threshold
105
%VCS
TC
Constant Current Mode Time Out
CCT = 100nF, VCHGIN = 5V
3
Hours
TK
Trickle Charge Time Out
TC/8
Hours
TV
Constant Voltage Mode Time Out
3
Hours
ITS
Current Source from TS Pin
71
75
79
μA
TS1
TS Hot Temperature Fault
Falling Threshold
318
331
346
mV
Hysteresis
25
TS2
TS Cold Temperature Fault
Rising Threshold
2.30
2.39
2.48
V
Hysteresis
25
mV
TLOOP_IN
Thermal Loop Entering Threshold
115
°C
TLOOP_OUT
Thermal Loop Exiting Threshold
85
°C
TREG
Thermal Loop Regulation
100
°C
Step-Down Buck Converter (Core)
VOUTBUCK
Output Voltage Accuracy
IOUTBUCK = 0 ~ 300mA; VIN = 2.7V ~ 5.5V
1.71
1.80
1.89
V
ILIMOUTBUCK
P-Channel Current Limit
0.8
A
RDS(ON)L
High Side Switch On-Resistance
0.8
Ω
RDS(ON)H
Low Side Switch On-Resistance
0.8
Ω
FOSC
Oscillator Frequency
TA = 25°C
1.5
MHz
TS
Start-Up Time
From Enable to Regulation; COUTBUCK =
4.7μF, CNOISE = On
100
μs
LDO1 (PowerDigital)
VOUT1
Output Voltage Accuracy
IOUT1 = 0~300mA
-3
+3
%
IOUT1
Output Current
300
mA
ILIM1
Output Current Limit
1000
mA
VDO1
Dropout Voltage
IOUT1 = 300mA
160
320
mV
VOUT1(VOUT1VIN1) Line Regulation
IOUT1 = 100mA
0.07
%/V
VOUT1
Load Regulation
IOUT1 = 0.5mA ~ 150mA
40
mV
PSRR
Power Supply Rejection Ratio
IOUT1 = 10mA, COUT1=22μF, 100Hz ~ 10KHz
60
dB
TS
Start Up Time
From Enable to Regulation; C OUT1 = 22μF,
CNOISE = On
175
μs
1. Specification over the –40°C to +85°C operating temperature range is assured by design, characterization and correlation with statistical process controls.


Similar Part No. - AAT3603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3603 ANALOGICTECH-AAT3603 Datasheet
2Mb / 35P
   Total Power Solution for Portable Applications
AAT3603IIH-T1 ANALOGICTECH-AAT3603IIH-T1 Datasheet
2Mb / 35P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT3603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com