Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28368 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP28368
Description  1.8A, 24V, 1.4MHz Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28368 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP28368 Datasheet HTML 1Page - Monolithic Power Systems MP28368 Datasheet HTML 2Page - Monolithic Power Systems MP28368 Datasheet HTML 3Page - Monolithic Power Systems MP28368 Datasheet HTML 4Page - Monolithic Power Systems MP28368 Datasheet HTML 5Page - Monolithic Power Systems MP28368 Datasheet HTML 6Page - Monolithic Power Systems MP28368 Datasheet HTML 7Page - Monolithic Power Systems MP28368 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP28368 – 1.8A, 24V, 1.4MHz STEP-DOWN CONVERTER
MP28368 Rev. 0.9
www.MonolithicPower.com
7
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance(µH)
Max DCR(Ω)
Current Rating
(A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
7447785004
4.7
0.060
2.5
5.9 x 6.2 x 3.3
Toko
A916CY-4R7M
4.7
0.026
2.5
6.2 x 6.3 x 3.5
Coiltronics
DR73-4R7
4.7
0.03
3
6.0 x 7.6 x 3.5
TYPICAL APPLICATION CIRCUIT
VIN
VOUT
3.3V
C4
10nF
D1
B230A
MP28368
FB
SW
BST
5
6
2
7
4
3
GND
EN
IN
OFF ON
Figure 3—1.4MHz, 3.3V Output Step-Down Converter


Similar Part No. - MP28368

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28367DJ MPS-MP28367DJ Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
MP28369DK MPS-MP28369DK Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
More results

Similar Description - MP28368

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
   1.8A, 24V, 700kHz Step-Down Converter
MP2371 MPS-MP2371 Datasheet
655Kb / 10P
   1.8A, 24V, 700KHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com