Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28275EL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28275EL
Description  7V, 5A, 1.1MHz Synchronous Step-down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28275EL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28275EL Datasheet HTML 6Page - Monolithic Power Systems MP28275EL Datasheet HTML 7Page - Monolithic Power Systems MP28275EL Datasheet HTML 8Page - Monolithic Power Systems MP28275EL Datasheet HTML 9Page - Monolithic Power Systems MP28275EL Datasheet HTML 10Page - Monolithic Power Systems MP28275EL Datasheet HTML 11Page - Monolithic Power Systems MP28275EL Datasheet HTML 12Page - Monolithic Power Systems MP28275EL Datasheet HTML 13Page - Monolithic Power Systems MP28275EL Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP28275 – 5A, 7V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28275 Rev. 1.0
www.MonolithicPower.com
10
5/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 4—Startup Sequence Using External
Sync Clock Signal
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The MP28275 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.2V.
Internal Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V to 1.2V. When it is lower
than the internal reference (REF), SS overrides
REF so the error amplifier uses SS as the
reference. When SS is higher than REF, REF
regains control. The SS time is internally fixed to
4ms.
Over-Current-Protection and Hiccup
The MP28275 has cycle-by-cycle over current
limit when the inductor current peak value
exceeds
the
set
current
limit
threshold.
Meanwhile, output voltage starts to drop until FB
is below the Under-Voltage (UV) threshold,
typically 30% below the reference. Once a UV is
triggered, the MP28275 enters hiccup mode to
periodically restart the part. This protection mode
is especially useful when the output is dead-short
to ground. The average short circuit current is
greatly reduced to alleviate the thermal issue and
to protect the regulator. The MP28275 exits the
hiccup mode once the over current condition is
removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M3, C4,
L1 and C2 (Figure 5). If (VIN-VSW) is more than
5V, U2 will regulate M3 to maintain a 5V BST
voltage across C4.
SW
Figure 5—Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.


Similar Part No. - MP28275EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28200 MPS-MP28200 Datasheet
493Kb / 17P
   Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28200GG MPS-MP28200GG Datasheet
493Kb / 17P
   Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28248GD MPS-MP28248GD Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
More results

Similar Description - MP28275EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
   21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
   2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
   3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com