Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28275 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP28275
Description  7V, 5A, 1.1MHz Synchronous Step-down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28275 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP28275 Datasheet HTML 3Page - Monolithic Power Systems MP28275 Datasheet HTML 4Page - Monolithic Power Systems MP28275 Datasheet HTML 5Page - Monolithic Power Systems MP28275 Datasheet HTML 6Page - Monolithic Power Systems MP28275 Datasheet HTML 7Page - Monolithic Power Systems MP28275 Datasheet HTML 8Page - Monolithic Power Systems MP28275 Datasheet HTML 9Page - Monolithic Power Systems MP28275 Datasheet HTML 10Page - Monolithic Power Systems MP28275 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP28275 – 5A, 7V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28275 Rev. 1.0
www.MonolithicPower.com
7
5/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L = 0.95µH, TA = +25ºC, unless otherwise noted.
Enable Startup
with 5A Load
Enable Startup
without Load
Power Up without Load
Power up with 5A Load
VOUT
1V/div
VSW
2V/div
IINDUCTOR
10A/div
VOUT
1V/div
VEN
5V/div
VSW
5V/div
IINDUCTOR
2A/div
IINDUCTOR
5A/div
VOUT
1V/div
VEN
5V/div
VSW
5V/div
IINDUCTOR
5A/div
VOUT
1V/div
VIN
5V/div
VSW
5V/div
IINDUCTOR
5A/div
2ms/div
2ms/div
4ms/div
400ns/div
4ms/div
4ms/div
Short Entry
Short Recovery
Output Ripple Voltage
IOUT=5A
Input Ripple Voltage
IOUT=5A
VOUT
1V/div
VIN
5V/div
VSW
5V/div
IINDUCTOR
2A/div
VOUT
1V/div
VSW
2V/div
IINDUCTOR
10A/div
4ms/div
VSW
5V/div
VSW
2V/div
VOUT/AC
10mV/div
VIN/AC
100mV/div
Load Transient Response
IOUT=2.5A-5A
VOUT/AC
200mV/div
IOUT
2A/div


Similar Part No. - MP28275

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28200 MPS-MP28200 Datasheet
493Kb / 17P
   Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28200GG MPS-MP28200GG Datasheet
493Kb / 17P
   Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28248GD MPS-MP28248GD Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
More results

Similar Description - MP28275

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
   21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
   2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
   3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com