Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28275 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28275
Description  7V, 5A, 1.1MHz Synchronous Step-down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28275 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28275 Datasheet HTML 1Page - Monolithic Power Systems MP28275 Datasheet HTML 2Page - Monolithic Power Systems MP28275 Datasheet HTML 3Page - Monolithic Power Systems MP28275 Datasheet HTML 4Page - Monolithic Power Systems MP28275 Datasheet HTML 5Page - Monolithic Power Systems MP28275 Datasheet HTML 6Page - Monolithic Power Systems MP28275 Datasheet HTML 7Page - Monolithic Power Systems MP28275 Datasheet HTML 8Page - Monolithic Power Systems MP28275 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP28275 – 5A, 7V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28275 Rev. 1.0
www.MonolithicPower.com
2
5/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP28275EL
3x4 QFN14
MP28275
-20
C to +85C
* For Tape & Reel, add suffix –Z (e.g.MP28275EL–Z).
For RoHS compliant packaging, add suffix –LF (e.g.MP28275EL–LF–Z)
PACKAGE REFERENCE
NC
VCC
GND
GND
GND
PG
FB
IN
SW
SW
SW
SW
BST
EN/SYNC
TOP VIEW
PIN 1 ID
EXPOSED PAD
ON BACKSIDE
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ......................................... 9V
VSW..........................-0.3V (-5V for<10ns) to 10V
VBS ....................................................... VSW + 6V
All Other Pins..................................-0.3V to +6V
Operating Temperature.............. -20
C to +85C
Continuous Power Dissipation (TA = +25°C)
(2)
……………………………………………......2.6W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature............... -65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................4.5V to 7V
Operating Junct. Temp (TJ)...... -20C to +125C
Thermal Resistance
(4)
θJA
θJC
3x4 QFN14 ............................. 48 ...... 11...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP28275

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28200 MPS-MP28200 Datasheet
493Kb / 17P
   Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28200GG MPS-MP28200GG Datasheet
493Kb / 17P
   Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28248GD MPS-MP28248GD Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
More results

Similar Description - MP28275

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
   21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
   2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
   3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com