Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE1B3E2102JA3 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # DE1B3E2102JA3
Description  Safety Standard Recognized Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE1B3E2102JA3 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button DE1B3E2102JA3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE1B3E2102JA3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
1000
2000
3000
4000
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
1000
2000
3000
4000
AC voltage
: 60Hz
Temperature : 25
°C
AC voltage
: 60Hz
Temperature : 25
°C
Type KX (B char.)
Type KX (E char.)
AC voltage [V(r.m.s.)]
AC voltage [V(r.m.s.)]
DE1B3KX471KA5B
DE1B3KX221K
A5B
DE1B3KX101KA5B
DE1E3KX472MA5BA01
DE1E3K
X222MA
5BA01
DE1E3KX102MA5BA01


Similar Part No. - DE1B3E2102JA3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1B3E2102JA3A MURATA-DE1B3E2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3E2102JA3A MURATA-DE1B3E2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE1B3E2102JA3A MURATA-DE1B3E2102JA3A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3E2102JA3A MURATA-DE1B3E2102JA3A Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE1B3E2102JA3A MURATA-DE1B3E2102JA3A Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
More results

Similar Description - DE1B3E2102JA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
   Safety Standard Recognized Ceramic Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com