Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH3NPN470N(M)G0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN470N(M)G0
Description  1212 size (3.0x3.0mm) Height 1.0mm max.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN470N(M)G0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN470N(M)G0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH3NPN470N(M)G0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This information is the property of Murata Europe Management B.V. This information should not be copied or distributed in any fashion without the express written consent of Murata.
All information is subject to change without notice, is not warranted in any fashion and is provided as is.
(Power inductor (G Apps) SE0
-1)
Unit: mm
3.0+/-0.2
3.0+/-0.2
0.9+/-0.1
P/N
Inductance
(uH) @1MHz
DC resistance
(ohm)
Idc1
(mA)
Idc2
(mA)
LQH3NPN1R0NG0
1.0 +/-30%
0.08+/-20%
1650
1525
LQH3NPN1R5NG0
1.5 +/-30%
0.10+/-20%
1300
1470
LQH3NPN2R2NG0
2.2 +/-30%
0.14+/-20%
1250
1270
LQH3NPN3R3NG0
3.3 +/-30%
0.18+/-20%
850
1130
LQH3NPN4R7NG0
4.7 +/-30%
0.26+/-20%
800
925
LQH3NPN6R8NG0
6.8 +/-30%
0.45+/-20%
650
710
LQH3NPN100N(M)G0
10 +/-30(20)%
0.57+/-20%
500
630
LQH3NPN150NG0
15 +/-30%
0.91+/-20%
370
475
LQH3NPN220N(M)G0
22 +/-30(20)%
1.1+/-20%
340
430
LQH3NPN330N(M)G0
33 +/-30(20)%
2.1+/-20%
250
345
LQH3NPN470N(M)G0
47 +/-30(20)%
3.0+/-20%
170
270
LQH3NPN680N(M)G0
68 +/-30(20)%
4.2+/-20%
150
235
LQH3NPN101N(M)G0
100 +/-30(20)%
8.0+/-20%
140
165
LQH3NPN151N(M)G0
150 +/-30(20)%
11+/-20%
110
145
LQH3NPN221N(M)G0
220 +/-30(20)%
14+/-20%
100
130
LQH3NPN251N(M)G0
250 +/-30(20)%
15+/-20%
80
130
Other characteristics
Specifications
Appearance and Dimensions
Electrical characteristics
1212 size (3.0x3.0mm)
Height 1.0mm max.
LQH3NP_G0
LQH3NP_G0 series
series
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
1400
1600
1800
Current (mA)
1R0
4R7
100
470
101
251
(1) Idc1: Inductance change within +/-30% from nominal value
(2) Idc2: Temperature rise below 40deg C
Operating temp. range: -40 to +85C


Similar Part No. - LQH3NPN470N(M)G0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN470NG0 MURATA-LQH3NPN470NG0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN470NG0 MURATA-LQH3NPN470NG0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN470NJ0 MURATA-LQH3NPN470NJ0 Datasheet
95Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN470NJ0p MURATA-LQH3NPN470NJ0p Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN470NMG0 MURATA-LQH3NPN470NMG0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
More results

Similar Description - LQH3NPN470N(M)G0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN1R0NG0L MURATA-LQH3NPN1R0NG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
EUROQUARTZ limited
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Murata Manufacturing Co...
LQH2HPN150MGR MURATA1-LQH2HPN150MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN3R3MGR MURATA1-LQH2HPN3R3MGR Datasheet
422Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
logo
Murata Manufacturing Co...
LQH55PN1R2NR0L MURATA-LQH55PN1R2NR0L Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
logo
Murata Manufacturing Co...
LQH2HPN100MGR MURATA1-LQH2HPN100MGR Datasheet
425Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN101MGR MURATA1-LQH2HPN101MGR Datasheet
412Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN1R0MGR MURATA1-LQH2HPN1R0MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN220MGR MURATA1-LQH2HPN220MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com