Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28258DD-A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28258DD-A
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258DD-A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28258DD-A Datasheet HTML 6Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 7Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 8Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 9Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 10Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 11Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 12Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 13Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP28258 – 3A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
10
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BST
N1
LSG
VCC
C3
SW
L
COUT
C5
Figure 4—
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection with a rising
threshold of 2.2V and a hysteresis of 150mV.
The bootstrap capacitor is charges from VCC
through N1 (Fig. 4). N1 turns on when the LS-
FET turns on and turns off when the LS-FET
turns off.
Switching Frequency
MP28258 uses constant-on-time (COT) control
because there is no dedicated oscillator in the IC.
The input voltage is feed-forwarded to the on-
time one-shot timer through the resistor R7. The
duty ratio is kept as VOUT/VIN, and the switching
frequency is fairly constant over the input voltage
range.
The
switching
frequency
can
be
determined with the following equation:
6
SW
7IN
DELAY
IN
OUT
10
F(kHz)
9.3 R (k )
V (V)
T(ns)
V(V) 0.4
V
(V)
=
×Ω
×+
(3)
Where TDELAY is the comparator delay, and
equals approximately 40ns.
MP28258 is optimized to operate at high
switching frequency with high efficiency. High
switching frequency makes it possible to use
small-sized LC filter components to save system
PCB space.
Jitter and FB Ramp Slope
Jitter occurs in both PWM and skip modes when
noise in the VFB ripple propagates a delay to the
HS-FET driver, as shown in Figures 5 and 6.
Jitter can affect system stability, with noise
immunity proportional to the steepness of VFB’s
downward slope. However, VFB ripple does not
directly affect noise immunity.
V
REF
V
FB
HS Driver
VNOISE
Jitter
V
SLO PE1
Figure 5—Jitter in PWM Mode
V
FB
HS Driver
Jitter
V
REF
V
SLO PE2
VNOISE
Figure 6—Jitter in Skip Mode
Ramp with Large ESR Cap
In the case of POSCAP or other types of
capacitor with larger ESR is applied as output
capacitor. The ESR ripple dominates the output
ripple, and the slope on the FB is quite ESR
related. Figure 7 shows an equivalent circuit in
PWM mode with the HS-FET off and without an
external ramp circuit. Turn to application
information section for design steps with large
ESR caps.
Figure 7—Simplified Circuit in PWM Mode
without
External
Ramp
Compensation


Similar Part No. - MP28258DD-A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28258DD-A MPS-MP28258DD-A Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
More results

Similar Description - MP28258DD-A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
   4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
   3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
   2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
   High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
   High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com