Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFB312G45SG2A509 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # LFB312G45SG2A509
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB312G45SG2A509 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button LFB312G45SG2A509 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LFB312G45SG2A509 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Filters for Communication Equipment
7
for RF/Local
SAW Filters
o GPS
SAFEB1G57KB0F00
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(3)(4) :
Others :
Input
Output
Ground
(in mm)
1.35
±0.05
(1)
(2) (3)
(5) (4)
2-0.25
±0.05
(0.20)
5-0.25
±0.05
2-0.25
±0.05
(0.05)
Dot Marking
(ø0.3)
SAFSE1G57KC0T00
2.5
± 0.2
4-1.25
± 0.15
4-0.88
± 0.15
2-0.74
± 0.10
(0.25)
(1)
(0.50)
R4-0.15
R2-0.12
(2)
(4)
(3)
(C0.3)
Dot Marking(ø0.4)
Pin
(1) :
(3) :
Others :
Input
Output
Ground
(in mm)
M
Marking :
∗ :
Laser Printing
EIAJ Code
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
SAFEB1G57KB0F00
1575.42
0.8 max.
(1574.22MHz~1576.62MHz)
0.5
(1574.22MHz~1576.62MHz)
2.0max.
(1574.22MHz~1576.62MHz)
50ohm
50ohm
SAFEB1G57KA0F00
1575.5
1.5 max.
(1574MHz~1577MHz)
0.6
(1574MHz~1577MHz)
1.8max.
(1574MHz~1577MHz)
50ohm
50ohm
SAFEB1G57FM0F00
1575.42
2.3 max.
(1574.22MHz~1576.62MHz)
0.6
(1574.22MHz~1576.62MHz)
1.5max.
(1574.22MHz~1576.62MHz)
50ohm
100ohm
SAFEB1G57FL0F00
1575.42
2.7 max.
(1574.42MHz~1576.42MHz)
0.5
(1574.42MHz~1576.42MHz)
1.7max.
(1574.42MHz~1576.42MHz)
50ohm
200ohm
SAFSE1G57KC0T00
1575.5
2.5 max.
(1574MHz~1577MHz)
0.7
(1574MHz~1577MHz)
1.6max
(1574MHz~1577MHz)
50ohm
50ohm
SAFSD1G57FA0T00
1575.5
1.6 max.
(1574MHz~1577MHz)
0.5
(1574MHz~1577MHz)
1.6max.
(1574MHz~1577MHz)
50ohm
100ohm
SAFSE1G57KA0T05
1575.5
1.6 max.
(1574MHz~1577MHz)
0.7
(1574MHz~1577MHz)
1.6max.
(1574MHz~1577MHz)
50ohm
50ohm
SAFSE1G57KA0T09
1575.42
2 max.
(1574.42MHz~1576.42MHz)
1.5
(1574.42MHz~1576.42MHz)
1.8max.
(1574.42MHz~1576.42MHz)
50ohm
50ohm
o GSM850
SAFEB881MFL0F00
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(3)(4) :
Others :
Input
Output
Ground
(in mm)
1.35
±0.05
(1)
(2) (3)
(5) (4)
2-0.25
±0.05
(0.20)
5-0.25
±0.05
2-0.25
±0.05
(0.05)
Dot Marking
(ø0.3)
SAFED881MFL0F05
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(3)(4) :
Others :
Input
Output
Ground
(in mm)
2.0
±0.1
(1)
(2)
(3)
(5)
(4)
(0.20)
5-0.40
±0.05
2-0.325
±0.050
2-0.325
±0.050
(0.075)
Dot Marking
(ø0.3)
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
SAFEB881MFL0F00
881.5
2.3 max.
(869MHz~894MHz)
1.2
(869MHz~894MHz)
1.8max.
(869MHz~894MHz)
50ohm
150ohm//82nH
SAFED881MFL0F05
881.5
2.0 max.
(869MHz~894MHz)
1.1
(869MHz~894MHz)
1.8max.
(869MHz~894MHz)
50ohm
150ohm//68nH
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFB312G45SG2A509

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB312G45SG2A509 MURATA-LFB312G45SG2A509 Datasheet
129Kb / 9P
   Filters for Communication Equipment
LFB312G45SG2A509 MURATA-LFB312G45SG2A509 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB312G45SG2A509 MURATA1-LFB312G45SG2A509 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFB312G45SG2A509 MURATA1-LFB312G45SG2A509 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB312G45SG2A509 MURATA1-LFB312G45SG2A509 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Similar Description - LFB312G45SG2A509

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com