Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD668KQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD668KQ
Description  12-Bit Ultrahigh Speed Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD668KQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD668KQ Datasheet HTML 5Page - Analog Devices AD668KQ Datasheet HTML 6Page - Analog Devices AD668KQ Datasheet HTML 7Page - Analog Devices AD668KQ Datasheet HTML 8Page - Analog Devices AD668KQ Datasheet HTML 9Page - Analog Devices AD668KQ Datasheet HTML 10Page - Analog Devices AD668KQ Datasheet HTML 11Page - Analog Devices AD668KQ Datasheet HTML 12Page - Analog Devices AD668KQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD668
REV. A
–9–
Figure 8. 1.25 V REFIN/
±500 mV Unbuffered Bipolar
Output
5 V REFIN, 2 V BIPOLAR, UNBUFFERED VOLTAGE
OUTPUT
Figure 9 demonstrates how a larger unbuffered voltage output
swing can be realized. RLOAD (Pin 19) is tied to the DAC output
(Pin 20) to produce an output resistance of roughly 200
Ω.
Figure 9. 5 V REFIN/
±1 V Unbuffered Bipolar Output
It should be noted that this impedance is not trimmed, and may
vary by as much as 20%, but this can be compensated by adjust-
ing the reference voltage. It is also important to note that limita-
tions in the DAC output compliance would prohibit use of a 2 V
unipolar output voltage swing.
1 V REFIN, –10 V UNIPOLAR, BUFFERED VOLTAGE
OUTPUT
Figure 10 shows the implementation of the 1 V full scale for the
reference input by tying REFIN1 and REFIN2 together and
driving them both with the input voltage. This generates a high
input impedance, and some care should be taken to insure that
the driving impedance at this node is finite at all times to avoid
saturating the reference amplifier. This is typically accomplished
by a using a low impedance voltage source to drive the refer-
ence, but if the topology calls for this source to be switched out,
a high impedance (10 k
Ω) termination resistor should be used
on the REFIN node.
Figure 10. 1 V REFIN/–10 V Unipolar Buffered Output
For full-scale output ranges greater than 2 V, some type of ex-
ternal buffer amplifier is needed. The AD840 fills this require-
ment perfectly, settling to within 0.025% from a 10 V full-scale
step in less than 100 ns. As shown in Figure 10, the amplifier
establishes a summing node at ground for the DAC output. The
output voltage is determined by the amplifier’s feedback resistor
(10.24 V for a 1k resistor). Note that since the DAC generates a
positive current to ground, the voltage at the amplifier output
will be negative. A series resistor between the noninverting am-
plifier input and ground minimizes the offset effects of op amp
input bias currents.
The optimal DAC output impedance in buffered output appli-
cations depends on the buffer amplifier being used. The AD840
is stable at a gain of 10, so a lower DAC output impedance
(higher noise gain) is desired for stability reasons, and RLOAD
should be grounded. The 100
Ω DAC output impedance pro-
duces a noise gain of 11 with the 1k feedback resistor. If the
gain-of-two stable AD842 is used as a buffer, a 200
Ω DAC out-
put impedance will produce a stable configuration with lower
noise gain to the output; hence, RLOAD should be connected to
the DAC output.
As noted earlier, these four examples are part of an array of
possible configurations available. Table II provides a quick
reference chart for the more straightforward applications, but
many other input and output signals are possible with some
modifications.
The next three circuits provide examples of different analog in-
put drives, including a fixed dc reference, a capacitively coupled
ac reference, and a DAC driving the reference channel. Note
that the entire spectrum of input and output range configura-
tions are available regardless of the type of reference drive being
used.
DC REFERENCE: THE AD586 DRIVING THE AD668
Figure 11 illustrates one of the more obvious analog input
sources: a fixed reference. The AD586 produces a temperature
stable 5 V analog output to drive the AD668 in the 5 V input


Similar Part No. - AD668KQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD668KQ AD-AD668KQ Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
More results

Similar Description - AD668KQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com