Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28256EL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP28256EL
Description  21V, 3A 500kHz Synchronous Step-Down Coverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28256EL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP28256EL Datasheet HTML 2Page - Monolithic Power Systems MP28256EL Datasheet HTML 3Page - Monolithic Power Systems MP28256EL Datasheet HTML 4Page - Monolithic Power Systems MP28256EL Datasheet HTML 5Page - Monolithic Power Systems MP28256EL Datasheet HTML 6Page - Monolithic Power Systems MP28256EL Datasheet HTML 7Page - Monolithic Power Systems MP28256EL Datasheet HTML 8Page - Monolithic Power Systems MP28256EL Datasheet HTML 9Page - Monolithic Power Systems MP28256EL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP28256 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28256 Rev. 1.0
www.MonolithicPower.com
6
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance curves are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 1.2V, L = 2.8µH, TA = +25ºC, unless otherwise noted.
Enable Startup
with 3A Load
Enable Startup
without Load
Power Up without Load
Power Up with 3A Load
VOUT
1V/div
VSW
5V/div
IINDUCTOR
5A/div
VOUT
1V/div
VEN
5V/div
VSW
10V/div
IINDUCTOR
2A/div
IINDUCTOR
5A/div
VOUT
1V/div
VEN
5V/div
VSW
10V/div
IINDUCTOR
2A/div
VOUT
1V/div
VIN
10V/div
VSW
5V/div
IINDUCTOR
5A/div
1ms/div
2ms/div
1ms/div
1ms/div
1ms/div
Short Entry
Short Recovery
Output Ripple Voltage
IOUT=3A
Input Ripple Voltage
IOUT=3A
VOUT
1V/div
VIN
10V/div
VSW
5V/div
IINDUCTOR
5A/div
VOUT
1V/div
VSW
5V/div
IINDUCTOR
5A/div
1ms/div
VSW
5V/div
VSW
5V/div
VOUT/AC
10mV/div
VIN/AC
100mV/div
Load Transient Response
IOUT=1.5A-3A
VOUT/AC
100mV/div
IOUT
1A/div


Similar Part No. - MP28256EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
MP28251GD MPS-MP28251GD Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28252EL MPS-MP28252EL Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP28256EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
   21V, 3A, 500kHz Synchronous Step-Down Coverter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
   21V, 3A 500kHz Synchronous Step-down Converter EV Board
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
   High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com